Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM6617 Datasheet(PDF) 57 Page - EM Microelectronic - MARIN SA

Part No. EM6617
Description  Ultra Low Power Microcontroller with ADC AND EEPROM
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMMICRO [EM Microelectronic - MARIN SA]
Homepage  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6617 Datasheet(HTML) 57 Page - EM Microelectronic - MARIN SA

Back Button EM6617 Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 54Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 58Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 59Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 60Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 61Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 65 page
background image
EM6617
Copyright
© 2005, EM Microelectronic-Marin SA
57
www.emmicroelectronic.com
21. Electrical Specification
21.1 Absolute Maximum Ratings
Min.
Max.
Units
Power supply VDD-VSS
- 0.2
+ 6.5
V
Input voltage
VSS - 0,2
VDD+0,2
V
Storage temperature
- 40
+ 125
°C
Electrostatic discharge to
Mil-Std-883C method 3015.7 with ref. to VSS
-2000
+2000
V
Maximum soldering conditions
10s x 250
°C
Stresses above these listed maximum ratings may cause permanent damage to the device.
Exposure beyond specified electrical characteristics may affect device reliability or cause malfunction.
21.2 Handling Procedures
This device has built-in protection against high static voltages or electric fields; however, anti-static precautions
should be taken as for any other CMOS component.
Unless otherwise specified, proper operation can only occur when all terminal voltages are kept within the
supply voltage range.
21.3 Standard Operating Conditions
Parameter
MIN
TYP
MAX
Unit
Description
Temperature
-40
25
85
°C
VDD_Range 1
(note 1)
2.0
3.0
5.5
V
With internal voltage regulator
VSS
0
V
Reference terminal, die substrate
CVDDCA (note 2)
100
nF
Regulated voltage capacitor
Fq
32768
Hz
Nominal frequency
Rqs
35
KOhm
Typical quartz serial resistance
CL
8.2
pF
Typical quartz load capacitance
df/f
+/- 30
ppm
Quartz frequency tolerance
Note 1: The minimum VDD of 2.0V allows proper system functionality for the core Logic and the EEPROM,
However the ADC minimum voltage is > 2.6V for full range conversion and 0.2 LSB error.
Note 2: This capacitor filters switching noise from VDD to keep it away from the internal logic cells.
In noisy systems the capacitor should be chosen bigger than minimum value.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn