Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM6617 Datasheet(PDF) 55 Page - EM Microelectronic - MARIN SA

Part No. EM6617
Description  Ultra Low Power Microcontroller with ADC AND EEPROM
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMMICRO [EM Microelectronic - MARIN SA]
Homepage  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6617 Datasheet(HTML) 55 Page - EM Microelectronic - MARIN SA

Back Button EM6617 Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 54Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 58Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 59Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 65 page
background image
EM6617
Copyright
© 2005, EM Microelectronic-Marin SA
55
www.emmicroelectronic.com
20.5 ADC8
Differential, integral non-linearity, gain, offset and total unadjusted errors
DNL @ 3.0V
0.0
0.1
0.2
0.3
0.4
0.5
-40
-10
20
50
80
[°C]
INL @ 3.0V
0.0
0.1
0.2
0.3
0.4
0.5
-40
-10
20
50
80
[°C]
Gain error @ 3.0V
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
-40
-10
20
50
80
[°C]
Offs et error @ 3.0V
0.0
0.2
0.4
0.6
0.8
1.0
-40
-10
20
50
80
[°C]
DNL @ 5.0V
0.0
0.1
0.2
0.3
0.4
0.5
-40
-10
20
50
80
[°C]
INL @ 5.0V
0.0
0.1
0.2
0.3
0.4
0.5
-40
-10
20
50
80
[°C]
Gain error @ 5.0V
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
-40
-10
20
50
80
[°C]
Offs et error @ 5.0V
0.0
0.2
0.4
0.6
0.8
1.0
-40
-10
20
50
80
[°C]
Total Unadjus ted error @ 3.0V
0.0
0.2
0.4
0.6
0.8
1.0
-40
-10
20
50
80
[°C]
Total unadjus ted error @ 5.0V
0.0
0.2
0.4
0.6
0.8
1.0
-40
-10
20
50
80
[°C]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn