Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM6617 Datasheet(PDF) 54 Page - EM Microelectronic - MARIN SA

Part No. EM6617
Description  Ultra Low Power Microcontroller with ADC AND EEPROM
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMMICRO [EM Microelectronic - MARIN SA]
Homepage  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6617 Datasheet(HTML) 54 Page - EM Microelectronic - MARIN SA

Back Button EM6617 Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 54Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 58Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 65 page
background image
EM6617
Copyright
© 2005, EM Microelectronic-Marin SA
54
www.emmicroelectronic.com
20.3 Pull-up, Pull-down
Pull-up and pull-down temperature and voltage dependencies for port A, port B, port C.
20.4 Vreg, EEPROM
Vreg voltage, temperature and load behavior. EEPROM minimal VDD characteristic over temperature.
Pull-down strong, 25Deg
80
90
100
110
120
1.5
2.5
3.5
4.5
5.5
[V]
[kOhm]
Pull-down strong VDD=3.0V
50
100
150
200
-40
-20
0
2040
6080
[°C]
[kOhm]
Pull-up, 25Deg
80
90
100
110
120
1.5
2.5
3.5
4.5
5.5
[V]
[kOhm]
Pull-up VDD=3.0V
50
100
150
200
-40
-20
0
2040
6080
[°C]
[kOhm]
Vreg Load Dependency
25°C
-40°C
85°C
1
1.25
1.5
1.75
2
2.25
0
100
200
300
400
500
uA
[V]
VDDmin EEPROM write
1.0
1.3
1.5
1.8
2.0
-40
-20
0
2040
6080
[°C]
[V]
Vreg VDD=3.0V
1.6
1.8
2.0
2.2
2.4
-40
-20
0
20
406080
[°C]
[V]
Vreg Temp = 25°C
1.6
1.8
2.0
2.2
2.4
1.5
2.5
3.5
4.5
5.5
VDD
[V]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn