Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM6617 Datasheet(PDF) 44 Page - EM Microelectronic - MARIN SA

Part No. EM6617
Description  Ultra Low Power Microcontroller with ADC AND EEPROM
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMMICRO [EM Microelectronic - MARIN SA]
Homepage  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6617 Datasheet(HTML) 44 Page - EM Microelectronic - MARIN SA

Back Button EM6617 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 48Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
EM6617
Copyright
© 2005, EM Microelectronic-Marin SA
44
www.emmicroelectronic.com
Register
Name
Add
Hex
Add
Dec
Reset
Value
Read Bits
Write Bits
Remarks
b'3210
Read/Write_bits
RegSWBSizeL
57
87
0000
0: Size[0]
1: Size[1]
2: Size[2]
3: Size[3]
SWB size low bits
RegSWBSizeH
58
88
0000
0: Size[4]
1: Size(5]
2: SWBStart
3: SWBAuto
SWB size high bits
Automatic/interactive mode
RegEEPCntl
59
89
0000
0: EEPAdr[4]
1: EEPRdWr
2: EEPBusy
3: EEPage
0: EEPAdr[4]
1: EEPRdWr
2: --
3: EEPage
EEPROM control :
Address high bit, read/write and
busy flag
RegEEPAdr
5A
90
0000
0: EEPAdr[0]
1: EEPAdr[1]
2: EEPAdr[2]
3: EEPAdr[3]
EEPROM address low bits
RegEEPDataL
5B
91
0000
0: EEPData[0]
1: EEPdata[1]
2: EEPData[2]
3: EEPData[3]
EEPROM data low bits
RegEEPDataH
5C
92
0000
0: EEPData[4]
1: EEPData[5]
2: EEPData[6]
3: EEPData[7]
EEPROM data high bits
RegCCntl1
5D
93
0000
0: CountFSel0
1: CountFSel1
2: CountFSel2
3: UP/Down
10 bit counter control 1 :
Frequency and up/down
RegCCntl2
5E
94
0000
0: '0'
1: EnComp
2: EvCount
3: Start
0 : Load
1: EnComp
2: EvCount
3: Start
10 bit counter control 2 :
Load, compare, event counter
and start
RegCDataL
5F
95
1111
0: Count[0]
1: Count[1]
2: Count[2]
3: Count[3]
0: CReg[0]
1: CReg[1]
2: CReg[2]
3: CReg[3]
10 bit counter
Data low nibble
RegCDataM
60
96
1111
0: Count[4]
1: Count[5]
2: Count[6]
3: Count[7]
0: CReg[4]
1: CReg[5]
2: CReg[6]
3: CReg[7]
10 bit counter
Data middle nibble
RegCDataH
61
97
0011
0: Count[8]
1: Count[9]
2: BitSel[0]
3: BitSel[1]
0: CReg[8]
1: CReg[9]
2: BitSel[0]
3: BitSel[1]
10 bit counter
Data high nibble
RegADCCntl
62
98
0000
0: ChannelSelA
1: ChannelSelB
2: Single
3: ADCbusy
0: ChannelSelA
1: ChannelSelB
2: Single
3: StartConvert
ADC control :
Channel, mode selection
Start and busy flag
RegADCDataL
63
99
0000
0: ADCData[0]
1: ADCData[1]
2: ADCData[2]
3: ADCData[3]
ADC data low nibble
RegADCDataH
64
100
0000
0: ADCData[4]
1: ADCData[5]
2: ADCData[6]
3: ADCData[7]
ADC data high nibble


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn