Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM6617 Datasheet(PDF) 43 Page - EM Microelectronic - MARIN SA

Part No. EM6617
Description  Ultra Low Power Microcontroller with ADC AND EEPROM
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMMICRO [EM Microelectronic - MARIN SA]
Homepage  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6617 Datasheet(HTML) 43 Page - EM Microelectronic - MARIN SA

Back Button EM6617 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 47Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
EM6617
Copyright
© 2005, EM Microelectronic-Marin SA
43
www.emmicroelectronic.com
16. PERIPHERAL MEMORY MAP
Reset values are valid after power up or after every system reset.
Register
Name
Add
Hex
Add
Dec
Reset
Value
Read Bits
Write Bits
Remarks
b'3210
Read/Write_bits
Ram1_0
00
0
xxxx
0: Data0
1: Data1
2: Data2
3: Data3
Direct addressable
Ram 64x4 bit
...
...
...
...
...
...
Ram1_63
3F
63
xxxx
0: Data0
1: Data1
2: Data2
3: Data3
Direct addressable
Ram 64x4 bit
Ram2_0
40
64
xxxx
0: Data0
1: Data1
2: Data2
3: data3
16 nibbles addressable over
index register
on add 'H70
...
...
...
...
...
...
Ram2_3
43
67
xxxx
0: Data0
1: data1
2: Data2
3: Data3
16 nibbles addressable over
index register
on add 'H70
---
44
68
Reserved, not implemented
...
...
...
...
---
4F
79
Reserved, not implemented
RegPA
50
80
xxxx
0: PAData[0]
1: PAData[1]
2: PAData[2]
3: PAData[3]
----
Read port A directly
RegPBCntl
51
81
0000
0: PBIOCntl[0]
1: PBIOCntl[1]
2: PBIOCntl[2]
3: PBIOCntl[3]
Port B control
Default: input mode
RegPBData
52
82
0000
0: PB[0]
1: PB[1]
2: PB[2]
3: PB[3]
0: PBData[0]
1: PBData[1]
2: PBData[2]
3: PBData[3]
Port B data output
Pin port B read
Default : 0
RegPCCntl
53
83
0000
0: PCIOCntl
1: '0'
2: '0'
3: '0'
0: PCIOCntl
1: --
2: --
3: --
Port C control
Default: input mode
RegPCData
54
84
0000
0: PC[0]
1: PC[1]
2: PC[2]
3: PC[3]
0: PCData[0]
1: PCData[1]
2: PCData[2]
3: PCData[3]
Port C data output
Pin port C read
Default : 0
RegSWBCntl
55
85
0000
0: SWBFSel0
1: SWBFSel1
2: '0'
3: '0'
0: SWBFSel0
1: SWBFSel1
2: --
3: --
SWB control :
Clock selection
RegSWBuff
56
86
1111
0: Buff[0]
1: Buff[1]
2: Buff[2]
3: Buff[3]
SWB buffer register


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn