Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6604 Datasheet(PDF) 13 Page - EM Microelectronic - MARIN SA

Part # EM6604
Description  Ultra Low Power Multi I/O Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6604 Datasheet(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button EM6604 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 17Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
EM6604
03.02 REV. D/440
Copyright
 2002, EM Microelectronic-Marin SA
13
www.emmicroelectronic.com
Figure 10 Timer
8.1 Timer registers
Table 8.2 Timer control register - TimCtr
Bit
Name
Reset
R/W
Description
3
TimAuto
0
R/W
Timer AUTO reload
2
TimEn
0
R/W
Timer enable - active high
1
TEC1
0
R/W
Timer Clock selection 1
0
TEC0
0
R/W
Timer Clock selection 0
Table 8.3 LOW Timer Load/Status register - LTimLS (4 low bits)
Bit
Name
Reset
R/W
Description
3
TL3/TS3
0
R/W
Timer load/status bit 3
2
TL2/TS2
0
R/W
Timer load/status bit 2
1
TL1/TS1
0
R/W
Timer load/status bit 1
0
TL0/TS0
0
R/W
Timer load/status bit 0
Table 8.4 HIGH Timer Load/Status register - HTimLS (4 high bits)
Bit
Name
Reset
R/W
Description
3
TL7/TS7
0
R/W
Timer load/status bit 7
2
TL6/TS6
0
R/W
Timer load/status bit 6
1
TL5/TS5
0
R/W
Timer load/status bit 5
0
TL4/TS4
0
R/W
Timer load/status bit 4
9. Interrupt controller
There are two internal and four external interrupt sources in EM6604 :
1) prescaler interrupt at 128Hz, 8Hz or 2Hz
2) timer interrupt when value changes from $FE to $FF
3) portA interrupt on falling edge (for PA3, PA2 and PA1) and rising edge (for PA0)
A general interrupt mask is defined in the watchdog control register WD (INTEN bit).


Similar Part No. - EM6604

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6603 EMMICRO-EM6603 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
EM6603WP11 EMMICRO-EM6603WP11 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
EM6603WP27 EMMICRO-EM6603WP27 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
EM6603WS11 EMMICRO-EM6603WS11 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
EM6603WS27 EMMICRO-EM6603WS27 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
More results

Similar Description - EM6604

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6603 EMMICRO-EM6603 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
logo
Puya Semiconductor Co.,...
PY25Q80HB PUYA-PY25Q80HB Datasheet
2Mb / 80P
   Ultra-Low Power, 8M-bit Serial Multi I/O Flash Memory Datasheet
P25Q32SH PUYA-P25Q32SH Datasheet
3Mb / 106P
   Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
Aug. 10, 2021
P25Q128H PUYA-P25Q128H Datasheet
3Mb / 104P
   Ultra Low Power, 128M-bit Serial Multi I/O Flash Memory Datasheet
P25Q128L PUYA-P25Q128L Datasheet
3Mb / 107P
   Ultra Low Power, 128M-bit Serial Multi I/O Flash Memory Datasheet
P25Q80LE PUYA-P25Q80LE Datasheet
2Mb / 73P
   Ultra Low Power, 8M-bit Serial Multi I/O Flash Memory Datasheet
Nov.12, 2019
P25Q64U PUYA-P25Q64U Datasheet
3Mb / 97P
   Ultra Low Power, 64M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 30, 2020
P25Q64H PUYA-P25Q64H Datasheet
3Mb / 97P
   Ultra Low Power, 64M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 30, 2020
P25Q32H PUYA-P25Q32H Datasheet
3Mb / 97P
   Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 23, 2020
P25Q16SU PUYA-P25Q16SU Datasheet
3Mb / 107P
   Ultra Low Power, 16M-bit Serial Multi I/O Flash Memory Datasheet
Jan. 20, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com