Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSA2156 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part No. FSA2156
Description  Low-Voltage SPST 0.4OHM Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA2156 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FSA2156 Datasheet HTML 4Page - Fairchild Semiconductor FSA2156 Datasheet HTML 5Page - Fairchild Semiconductor FSA2156 Datasheet HTML 6Page - Fairchild Semiconductor FSA2156 Datasheet HTML 7Page - Fairchild Semiconductor FSA2156 Datasheet HTML 8Page - Fairchild Semiconductor FSA2156 Datasheet HTML 9Page - Fairchild Semiconductor FSA2156 Datasheet HTML 10Page - Fairchild Semiconductor FSA2156 Datasheet HTML 11Page - Fairchild Semiconductor FSA2156 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2156 Rev. 1.0.2
11
Reel Dimensions
Dimensions are in inches (millimeters).
Tape
Size
A
B
C
D
N
W1
W2
W23
8mm
7.0
(177.8)
0.059
(1.50)
0.512
(13.00)
0.795
(20.20)
2.165
(55.00)
.0331 +0.059 / -0.000
(8.40 +1.50 / -0.00)
0.567
(14.40)
W1 +0.078 / -0.039
(W1 +2.00 / -1.00)


Similar Part No. - FSA2156

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156 Datasheet
587Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156FHX FAIRCHILD-FSA2156FHX Datasheet
699Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156L6X FAIRCHILD-FSA2156L6X Datasheet
587Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156L6X FAIRCHILD-FSA2156L6X Datasheet
699Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156P6 FAIRCHILD-FSA2156P6 Datasheet
587Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
More results

Similar Description - FSA2156

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
   Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
ON Semiconductor
ON Semiconductor
FSA1156 ONSEMI-FSA1156 Datasheet
1Mb / 13P
   Low-Voltage SPST Analog Switch
January 2016 Rev. 1.9
Vishay Siliconix
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
   Low-Voltage Dual SPST Analog Switch
18-Jul-08
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Fairchild Semiconductor
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156_11 Datasheet
699Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156 FAIRCHILD-FSA2156_07 Datasheet
587Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
Vishay Siliconix
Vishay Siliconix
DG9232 VISHAY-DG9232_11 Datasheet
282Kb / 12P
   Low-Voltage Dual SPST Analog Switch
DG9262 VISHAY-DG9262 Datasheet
61Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz