Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSA2156 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part No. FSA2156
Description  Low-Voltage SPST 0.4OHM Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA2156 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FSA2156 Datasheet HTML 4Page - Fairchild Semiconductor FSA2156 Datasheet HTML 5Page - Fairchild Semiconductor FSA2156 Datasheet HTML 6Page - Fairchild Semiconductor FSA2156 Datasheet HTML 7Page - Fairchild Semiconductor FSA2156 Datasheet HTML 8Page - Fairchild Semiconductor FSA2156 Datasheet HTML 9Page - Fairchild Semiconductor FSA2156 Datasheet HTML 10Page - Fairchild Semiconductor FSA2156 Datasheet HTML 11Page - Fairchild Semiconductor FSA2156 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2156 Rev. 1.0.2
10
Tape Format for MicroPak
Package Designator
Tape Section
Number
Cavities
Cavity
Status
Cover Tape
Status
Leader (Start End)
125 (typ.)
Empty
Sealed
Carrier
5000
Filled
Sealed
L6X
Trailer (Hub End)
75 (typ.)
Empty
Sealed
Tape Dimensions
Dimensions are in inches (millimeters).


Similar Part No. - FSA2156

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156 Datasheet
587Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156FHX FAIRCHILD-FSA2156FHX Datasheet
699Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156L6X FAIRCHILD-FSA2156L6X Datasheet
587Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156L6X FAIRCHILD-FSA2156L6X Datasheet
699Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156P6 FAIRCHILD-FSA2156P6 Datasheet
587Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
More results

Similar Description - FSA2156

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
   Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
ON Semiconductor
ON Semiconductor
FSA1156 ONSEMI-FSA1156 Datasheet
1Mb / 13P
   Low-Voltage SPST Analog Switch
January 2016 Rev. 1.9
Vishay Siliconix
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
   Low-Voltage Dual SPST Analog Switch
18-Jul-08
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Fairchild Semiconductor
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156_11 Datasheet
699Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156 FAIRCHILD-FSA2156_07 Datasheet
587Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
Vishay Siliconix
Vishay Siliconix
DG9232 VISHAY-DG9232_11 Datasheet
282Kb / 12P
   Low-Voltage Dual SPST Analog Switch
DG9262 VISHAY-DG9262 Datasheet
61Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz