Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSA2156 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FSA2156
Description  Low-Voltage SPST 0.4OHM Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA2156 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSA2156 Datasheet HTML 1Page - Fairchild Semiconductor FSA2156 Datasheet HTML 2Page - Fairchild Semiconductor FSA2156 Datasheet HTML 3Page - Fairchild Semiconductor FSA2156 Datasheet HTML 4Page - Fairchild Semiconductor FSA2156 Datasheet HTML 5Page - Fairchild Semiconductor FSA2156 Datasheet HTML 6Page - Fairchild Semiconductor FSA2156 Datasheet HTML 7Page - Fairchild Semiconductor FSA2156 Datasheet HTML 8Page - Fairchild Semiconductor FSA2156 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
June 2006
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2156 Rev. 1.0.2
FSA2156 Low-Voltage SPST 0.4Ω Analog Switch
Features
Maximum 0.7Ω ON resistance (RON) for +2.7V supply
0.25Ω max RON flatness for +2.7V supply
Space-saving Pb-free MicroPak
TM and SC70
packaging
Broad Vcc operating range: 1.65 to 4.3V
Fast turn-on and turn-off times
Over-voltage tolerant TTL-compatible control input
Suitable for 2 UL USB2.0 applications (200mA)
Low ICCT current over an expanded control input range
Description
The FSA2156 is a high-performance Single-Pole Single-
Throw (SPST) analog switch that features ultra low RON
of 0.4
Ω (typ.) at 2.7V VCC. The FSA2156 operates over
the wide VCC range of 1.65V to 4.3V and is fabricated
with sub-micron CMOS technology to achieve fast
switching speeds. The select input is TTL-level
compatible.
FSA2156 features very low quiescent current even when
the control voltage is lower than the VCC supply. This
feature facilitates longer battery life in mobile handset
applications and allows for the direct interface with
baseband-processor, general-purpose I/Os.
Ordering Information
Part Number
Product
Code Top
Mark
Package
Number Pb-Free
Package Description
Packing Method
FSA2156P6
2156
MAA06A
Yes
6-lead SC70, EIAJ SC88,
1.25mm Wide
250 Units on Tape and Reel
FSA2156P6X
2156
MAA06A
Yes
6-lead SC70, EIAJ SC88,
1.25mm Wide
3k Units on Tape and Reel
FSA2156L6X
FY
MAC06A
Yes
6-lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel
Pb-free package per JEDEC J-STD-020B.
Analog Symbol
1
6
Sel
2
5
GND
NC
3
4
B
A
Pin Assignment for SC70
(Top View)
1
6
B
Sel
2
5
GND
VCC
3
4
A
Pin Assignment for MicroPak
(Top Through View)
FSA2156
FSA2156
VCC
NC


Similar Part No. - FSA2156

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156 Datasheet
587Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156FHX FAIRCHILD-FSA2156FHX Datasheet
699Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156L6X FAIRCHILD-FSA2156L6X Datasheet
587Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156L6X FAIRCHILD-FSA2156L6X Datasheet
699Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156P6 FAIRCHILD-FSA2156P6 Datasheet
587Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
More results

Similar Description - FSA2156

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
   Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
ON Semiconductor
ON Semiconductor
FSA1156 ONSEMI-FSA1156 Datasheet
1Mb / 13P
   Low-Voltage SPST Analog Switch
January 2016 Rev. 1.9
Vishay Siliconix
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
   Low-Voltage Dual SPST Analog Switch
18-Jul-08
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Fairchild Semiconductor
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156_11 Datasheet
699Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156 FAIRCHILD-FSA2156_07 Datasheet
587Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
Vishay Siliconix
Vishay Siliconix
DG9232 VISHAY-DG9232_11 Datasheet
282Kb / 12P
   Low-Voltage Dual SPST Analog Switch
DG9262 VISHAY-DG9262 Datasheet
61Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz