Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54373 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54373
Description  1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54373 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54373 Datasheet HTML 5Page - Texas Instruments TPS54373 Datasheet HTML 6Page - Texas Instruments TPS54373 Datasheet HTML 7Page - Texas Instruments TPS54373 Datasheet HTML 8Page - Texas Instruments TPS54373 Datasheet HTML 9Page - Texas Instruments TPS54373 Datasheet HTML 10Page - Texas Instruments TPS54373 Datasheet HTML 11Page - Texas Instruments TPS54373 Datasheet HTML 12Page - Texas Instruments TPS54373 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.ti.com
VOUT
PH
Vin
TOPSIDE GROUND AREA
VIA to Ground Plane
ANALOG GROUND TRACE
EXPOSED
PowerPAD
AREA
COMPENSATION
NETWORK
OUTPUT INDUCTOR
OUTPUT
FILTER
CAPACITOR
BOOT
CAPACITOR
INPUT
BYPASS
CAPACITOR
INPUT
BULK
FILTER
FREQUENCY SET RESISTOR
SLOW START
CAPACITOR
BIAS CAPACITOR
BOOT
COMP
PWRGD
PH
PH
PH
PH
SS/ENA
VBIAS
VIN
VIN
VIN
PGND
PGND
TPS54317
SLVS619A – NOVEMBER 2005 – REVISED FEBRUARY 2006
The TPS54317 has two internal grounds (analog and
The PH pins should be tied together and routed to
power). Inside the TPS54317, the analog ground ties
the output inductor. Since the PH connection is the
to all of the noise sensitive signals, while the power
switching node, inductor should be located very close
ground ties to the noisier power signals. Noise
to the PH pins and the area of the PCB conductor
injected between the two grounds can degrade the
minimized to prevent excessive capacitive coupling.
performance of the TPS54317, particularly at higher
Connect the boot capacitor between the phase node
output currents. Ground noise on an analog ground
and the BOOT pin as shown. Keep the boot capacitor
plane can also cause problems with some of the
close to the IC and minimize the conductor trace
control and bias signals. For these reasons, separate
lengths.
analog and power ground traces are recommended.
There should be an area of ground on the top layer
Connect the output filter capacitor(s) as shown
directly under the IC, with an exposed area for
between the VOUT trace and PGND. It is important to
connection to the PowerPAD. Use vias to connect
keep the loop formed by the PH pins, LO, CO and
this ground area to any internal ground planes. Use
PGND as small as practical.
additional vias at the ground side of the input and
Place the compensation components from the VOUT
output filter capacitors as well. The AGND and PGND
trace to the VSENSE and COMP pins. Do not place
pins should be tied to the PCB ground by connecting
these components too close to the PH trace. Due to
them to the ground area under the device as shown.
the size of the IC package and the device pinout,
The only components that should tie directly to the
they must be routed close, but maintain as much
power ground plane are the input capacitors, the
separation as possible while still keeping the layout
output
capacitors,
the
input
voltage
decoupling
compact.
capacitor, and the PGND pins of the TPS54317. Use
a separate wide trace for the analog ground signal
Connect the bias capacitor from the VBIAS pin to
path. This analog ground should be used for the
analog ground using the isolated analog ground
voltage set point divider, timing resistor RT, slow start
trace. The bias capacitor should be as close as
capacitor and bias capacitor grounds. Connect this
possible to the VBIAS pin and analog ground . If a
trace directly to AGND (pin 1).
slow-start capacitor or RT resistor is used, or if the
SYNC pin is used to select 350-kHz operating
frequency, connect them to this trace.
Figure 11. TPS54317 PCB Layout
9
Submit Documentation Feedback


Similar Part No. - TPS54373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54373 TI-TPS54373 Datasheet
259Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT,3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373 Datasheet
690Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54373 TI1-TPS54373 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54373PWP TI-TPS54373PWP Datasheet
259Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT,3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
More results

Similar Description - TPS54373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54317 TI-TPS54317_15 Datasheet
812Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER
TPS50301-HT TI-TPS50301-HT Datasheet
609Kb / 28P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 3-A/6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS50601VTDC1 TI-TPS50601VTDC1 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS50301-HT TI-TPS50301-HT_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS50x01-xx 1.6- to 6.3-V Input, 3-A/6-A Synchronous Step-Down SWIFT??Converter
TPS54377 TI-TPS54377 Datasheet
690Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54377 TI-TPS54377_15 Datasheet
824Kb / 23P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS50601-DIE TI-TPS50601-DIE_15 Datasheet
184Kb / 7P
[Old version datasheet]   TPS50601-DIE 1.6-V TO 6.3-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com