Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SDA9410-B13 Datasheet(PDF) 20 Page - Micronas

Part No. SDA9410-B13
Description  Display Processor and Scan Rate Converter using Embedded DRAM Technology Units
Download  179 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRONAS [Micronas]
Homepage  http://www.micronas.com
Logo MICRONAS - Micronas

SDA9410-B13 Datasheet(HTML) 20 Page - Micronas

Back Button SDA9410-B13 Datasheet HTML 16Page - Micronas SDA9410-B13 Datasheet HTML 17Page - Micronas SDA9410-B13 Datasheet HTML 18Page - Micronas SDA9410-B13 Datasheet HTML 19Page - Micronas SDA9410-B13 Datasheet HTML 20Page - Micronas SDA9410-B13 Datasheet HTML 21Page - Micronas SDA9410-B13 Datasheet HTML 22Page - Micronas SDA9410-B13 Datasheet HTML 23Page - Micronas SDA9410-B13 Datasheet HTML 24Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 179 page
background image
SDA9410
Preliminary Data Sheet
Introduction
20
Micronas
For this usage the 6 Mbit eDRAM core is separated in two luminance fields and two
chrominance fields (either 4:2:0 or 4:1:1) and a memory area for luminance and
chrominance fields (4:1:1) [maximum circa 1/9 picture] for picture-in-picture applications.
The vector based scan rate conversion is possible for the master channel only.
For the SSC mode the 6 Mbit eDRAM core is split in two 3 Mbit areas, which are able to
contain a maximum of two luminance fields and two chrominance fields (either 4:2:0 or
4:1:1). The figure below shows different applications (“Double window”, “Zoom-in-zoom-
out”). In this case only a simple scan rate conversion (e.g. field doubling for interlaced
conversion: AABB) for both output channels is possible.
Figure 5
Principles of SSC mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn