Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SDA9410-B13 Datasheet(PDF) 13 Page - Micronas

Part No. SDA9410-B13
Description  Display Processor and Scan Rate Converter using Embedded DRAM Technology Units
Download  179 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRONAS [Micronas]
Homepage  http://www.micronas.com
Logo MICRONAS - Micronas

SDA9410-B13 Datasheet(HTML) 13 Page - Micronas

Back Button SDA9410-B13 Datasheet HTML 9Page - Micronas SDA9410-B13 Datasheet HTML 10Page - Micronas SDA9410-B13 Datasheet HTML 11Page - Micronas SDA9410-B13 Datasheet HTML 12Page - Micronas SDA9410-B13 Datasheet HTML 13Page - Micronas SDA9410-B13 Datasheet HTML 14Page - Micronas SDA9410-B13 Datasheet HTML 15Page - Micronas SDA9410-B13 Datasheet HTML 16Page - Micronas SDA9410-B13 Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 179 page
background image
SDA9410
Preliminary Data Sheet
Features
13
Micronas
converter
- 36 kbit SRAM for block matching, line-to-block converter
• Flexible clock and synchronization concept
- Decoupling of the input and output clock system possible
• Scan rate conversion
- Motion compensated 100/120 Hz interlaced scan conversion (Micronas VDU)
- Motion compensated 50/60 Hz progressive scan conversion (Micronas VDU)
- Simple interlaced modes: ABAB, AABB, AAAA, BBBB
- Simple progressive modes: AB, AA*, B*B
- True Motion: 50 Hz motion resolution even for 25 Hz PAL film sources
60 Hz motion resolution even for 30 Hz NTSC film sources
- Large area and line flicker reduction
• Flexible digital vertical expansion of the output signal (1.0, ... [1/64] ... , 2.0)
• Sharpness improvement
- Digital colour transition improvement (DCTI)
- Digital luminance transition improvement (DLTI)
- Peaking (luminance only)
• Flexible output sync controller
- Flexible positioning of the two output channels in all application modes
- Flexible height and width of the two output pictures
- Flexible programming of the output sync raster
• Signal manipulations
- Still frame or field
- Insertion of coloured background
- Insertion of a selection border
- Adjustable delay between Y and UV signal (+4,...[1]...,-3 input pixels) at the input
side
- Adjustable delay between Y and UV signal (+3,...[0.5]...,- 4 output pixels) at the
output side
• Three D/A converters
- 9 bit amplitude resolution for Y, -(R-Y), -(B-Y) output
- 60 MHz maximal clock frequency
- Two-fold oversampling
- Simplification of external analog post filtering and differential analog outputs
• I²C-bus control (400 kHz)
• P-MQFP-100 package
• 3.3 V ± 5% supply voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn