Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA9410-B13 Datasheet(PDF) 44 Page - Micronas

Part # SDA9410-B13
Description  Display Processor and Scan Rate Converter using Embedded DRAM Technology Units
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

SDA9410-B13 Datasheet(HTML) 44 Page - Micronas

Back Button SDA9410-B13 Datasheet HTML 40Page - Micronas SDA9410-B13 Datasheet HTML 41Page - Micronas SDA9410-B13 Datasheet HTML 42Page - Micronas SDA9410-B13 Datasheet HTML 43Page - Micronas SDA9410-B13 Datasheet HTML 44Page - Micronas SDA9410-B13 Datasheet HTML 45Page - Micronas SDA9410-B13 Datasheet HTML 46Page - Micronas SDA9410-B13 Datasheet HTML 47Page - Micronas SDA9410-B13 Datasheet HTML 48Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 179 page
background image
SDA9410
Preliminary Data Sheet
Input signal processing
44
Micronas
Table 25
Input write I²C Bus parameter
5.4.4
Noise measurement
The noise measurement algorithm can be used to change the I²C Bus parameters of the
temporal noise reduction processing depending on the actual noise level of the input
signal. This is done by the I²C Bus controller which reads the NOISEME value, and
sends depending on this value different I²C Bus parameter sets to the temporal noise
reduction registers of the SDA 9410. The NOISEME value can be interpreted as a linear
curve from no noise (0) to strong noise (30). Value 31 indicates an overflow status and
can be handled in different ways: strong noise or measurement failed.
Two measurement algorithms are included, which can be chosen by the I²C Bus
parameter NMALG. In case NMALG=1 the noise is measured during the vertical
blanking period in the line defined by NMLINE. For NMALG=0 the noise is measured
during the first active line. In the latter case the delay of the noise reduction algorithm
must be set to the frame difference value (DTNRON=0, I²C Bus sub address 1Ah). In
both cases the value is determined by averaging over several fields.
The Figure 18 shows an example for the noise measurement. The NMLINE I²C Bus
parameter determines the line, which is used in the SDA 9410 for the measurement. In
case of VINDEL=0 and NMLINE=0 line 3 of the field A and line 316 of the field B is
I²C Bus parameter
Sub address
Description
NRON
1: on
0: off
1Ah
Temporal Noise Reduction of Luminance and
Chrominance On (SRC-Mode)
TNRSEL
1: separate
0: luminance
motion detector
18h
Switch for motion detection of temporal noise
reduction of chrominance signal
DTNRON
1: field
0: frame
1Ah
Delay for temporal noise reduction of luminance and
chrominance signal
TNRFIY/C
1: off
0: on
18h/19h
Switch for fixed K-factor value defined by TNRVAY/C
TNRVAY/C
17h
Fixed K-factor for temporal noise reduction of
luminance/chrominance
TNRHOY/C
18h/19h
Horizontal shift of the motion detector characteristic
TNRKOY/C
16h
Vertical shift of the motion detector characteristic
TNRCLY/C
15h
Classification of temporal noise reduction


Similar Part No. - SDA9410-B13

ManufacturerPart #DatasheetDescription
logo
Micronas
SDA9415-B13 MICRONAS-SDA9415-B13 Datasheet
3Mb / 185P
   Display Processor and Scan Rate Converter
More results

Similar Description - SDA9410-B13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDA9401 ETC-SDA9401 Datasheet
1Mb / 69P
   Scan Rate Converter using Embedded DRAM Technology Units
logo
Micronas
SDA9400 MICRONAS-SDA9400 Datasheet
1Mb / 94P
   Scan Rate Converter using Embedded DRAM Technology Units
SDA9415-B13 MICRONAS-SDA9415-B13 Datasheet
3Mb / 185P
   Display Processor and Scan Rate Converter
logo
Siemens Semiconductor G...
SDA9255 SIEMENS-SDA9255 Datasheet
225Kb / 45P
   SRC-Scan Rate Converter SDA9255
logo
NXP Semiconductors
SAA4998H PHILIPS-SAA4998H Datasheet
175Kb / 39P
   Field and line rate converter with noise reduction and embedded memory
2004 Feb 18
logo
Texas Instruments
SCANPSC100F TI1-SCANPSC100F Datasheet
573Kb / 28P
[Old version datasheet]   Embedded Boundary Scan Controller
logo
Micronas
VSP9402A MICRONAS-VSP9402A Datasheet
1Mb / 126P
   PRIMUS Powerful Scan-Rate Converter including Multistandard Color Decoder
logo
Mitsubishi Electric Sem...
M65656FP MITSUBISHI-M65656FP Datasheet
1Mb / 5P
   SCAN CONVERTER
M65657FP MITSUBISHI-M65657FP Datasheet
1Mb / 5P
   SCAN CONVERTER
logo
Intel Corporation
FV80503CSM66166 INTEL-FV80503CSM66166 Datasheet
1Mb / 62P
   Low-Power Embedded Pentium짰 Processor with MMX??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com