Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA9410-B13 Datasheet(PDF) 33 Page - Micronas

Part # SDA9410-B13
Description  Display Processor and Scan Rate Converter using Embedded DRAM Technology Units
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

SDA9410-B13 Datasheet(HTML) 33 Page - Micronas

Back Button SDA9410-B13 Datasheet HTML 29Page - Micronas SDA9410-B13 Datasheet HTML 30Page - Micronas SDA9410-B13 Datasheet HTML 31Page - Micronas SDA9410-B13 Datasheet HTML 32Page - Micronas SDA9410-B13 Datasheet HTML 33Page - Micronas SDA9410-B13 Datasheet HTML 34Page - Micronas SDA9410-B13 Datasheet HTML 35Page - Micronas SDA9410-B13 Datasheet HTML 36Page - Micronas SDA9410-B13 Datasheet HTML 37Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 179 page
background image
SDA9410
Preliminary Data Sheet
Input signal processing
33
Micronas
5.4.2.1
Vertical compression and peaking
The overall reduction of the vertical compression block can be calculated by the formula:
The user must specify the vertical input picture size (defined by I²C Bus parameter
ALPFIPM/ALPFIPS) and the vertical output picture size (defined by I²C Bus parameter
APPLM/APPLS) as well as the I²C Bus parameter INTVM/INTVS (I²C Bus parameter,
09h,0Ah,2Bh,2Ch) and DEZVM/DEZVS (I²C Bus parameter, 0Ah,2Ch), which can be
calculated with the algorithm listed below (C-code).
intV, dezV: variables
for( intV=2*ALPFM/S, dezV=1; intV<=2*ALPFIPM/S; intV*=2, dezV*=2 )
;
intV = ((512*2*ALPFIPM/S*2+intV/2)/intV);
dezV/=2;
if(dezV>16)
{
intV=intV*dezV/16;
dezV=16;
}
INTVM/S=intV-512;
512
512
INTVM
+
ΕΦ
-----------------------------------------
1
DEZVM
----------------------


Similar Part No. - SDA9410-B13

ManufacturerPart #DatasheetDescription
logo
Micronas
SDA9415-B13 MICRONAS-SDA9415-B13 Datasheet
3Mb / 185P
   Display Processor and Scan Rate Converter
More results

Similar Description - SDA9410-B13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDA9401 ETC-SDA9401 Datasheet
1Mb / 69P
   Scan Rate Converter using Embedded DRAM Technology Units
logo
Micronas
SDA9400 MICRONAS-SDA9400 Datasheet
1Mb / 94P
   Scan Rate Converter using Embedded DRAM Technology Units
SDA9415-B13 MICRONAS-SDA9415-B13 Datasheet
3Mb / 185P
   Display Processor and Scan Rate Converter
logo
Siemens Semiconductor G...
SDA9255 SIEMENS-SDA9255 Datasheet
225Kb / 45P
   SRC-Scan Rate Converter SDA9255
logo
NXP Semiconductors
SAA4998H PHILIPS-SAA4998H Datasheet
175Kb / 39P
   Field and line rate converter with noise reduction and embedded memory
2004 Feb 18
logo
Texas Instruments
SCANPSC100F TI1-SCANPSC100F Datasheet
573Kb / 28P
[Old version datasheet]   Embedded Boundary Scan Controller
logo
Micronas
VSP9402A MICRONAS-VSP9402A Datasheet
1Mb / 126P
   PRIMUS Powerful Scan-Rate Converter including Multistandard Color Decoder
logo
Mitsubishi Electric Sem...
M65656FP MITSUBISHI-M65656FP Datasheet
1Mb / 5P
   SCAN CONVERTER
M65657FP MITSUBISHI-M65657FP Datasheet
1Mb / 5P
   SCAN CONVERTER
logo
Intel Corporation
FV80503CSM66166 INTEL-FV80503CSM66166 Datasheet
1Mb / 62P
   Low-Power Embedded Pentium짰 Processor with MMX??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com