Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI88512CAXN36I Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # EDI88512CAXN36I
Description  512Kx8 Monolithic SRAM, SMD 5962-95600
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI88512CAXN36I Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  EDI88512CAXN36I Datasheet HTML 1Page - White Electronic Designs Corporation EDI88512CAXN36I Datasheet HTML 2Page - White Electronic Designs Corporation EDI88512CAXN36I Datasheet HTML 3Page - White Electronic Designs Corporation EDI88512CAXN36I Datasheet HTML 4Page - White Electronic Designs Corporation EDI88512CAXN36I Datasheet HTML 5Page - White Electronic Designs Corporation EDI88512CAXN36I Datasheet HTML 6Page - White Electronic Designs Corporation EDI88512CAXN36I Datasheet HTML 7Page - White Electronic Designs Corporation EDI88512CAXN36I Datasheet HTML 8Page - White Electronic Designs Corporation EDI88512CAXN36I Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EDI88512CA
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
October 2004
Rev. 11
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
512Kx8 Monolithic SRAM, SMD 5962-95600
FEATURES
Access Times of 15, 17, 20, 25, 35, 45, 55ns
Data Retention Function (LPA version)
TTL Compatible Inputs and Outputs
Fully Static, No Clocks
Organized as 512Kx8
Commercial, Industrial and Military Temperature Ranges
32 lead JEDEC Approved Evolutionary Pinout
• Ceramic Sidebrazed 600 mil DIP (Package 9)
• Ceramic Sidebrazed 400 mil DIP (Package 326)
• Ceramic 32 pin Flatpack (Package 344)
• Ceramic Thin Flatpack (Package 321)
• Ceramic SOJ (Package 140)
36 lead JEDEC Approved Revolutionary Pinout
• Ceramic Flatpack (Package 316)
• Ceramic SOJ (Package 327)
• Ceramic LCC (Package 502)
Single +5V (±10%) Supply Operation
The EDI88512CA is a 4 megabit Monolithic CMOS
Static RAM.
The 32 pin DIP pinout adheres to the JEDEC evolutionary
standard for the four megabit device. All 32 pin packages
are pin for pin upgrades for the single chip enable 128K
x 8, the EDI88128CS. Pins 1 and 30 become the higher
order addresses.
The 36 pin revolutionary pinout also adheres to the
JEDEC standard for the four megabit device. The center
pin power and ground pins help to reduce noise in high
performance systems. The 36 pin pinout also allows the
user an upgrade path to the future 2Mx8.
A Low Power version with Data Retention (EDI88512LPA)
is also available for battery backed applications. Military
product is available compliant to Appendix A of MIL-
PRF-38535.
*This product is subject to change without notice.
36 PIN
TOP VIEW
PIN DESCRIPTION
I/O0-7
Data Inputs/Outputs
A0-18
Address Inputs
WE#
Write Enables
CS#
Chip Selects
OE#
Output Enable
VCC
Power (+5V ±10%)
VSS
Ground
NC
Not Connected
BLOCK DIAGRAM
Memory Array
Address
Buffer
Address
Decoder
I/O
Circuits
A0-18
I/O0-7
WE#
CS#
OE#
FIG. 1
PIN CONFIGURATION
32 PIN
TOP VIEW
NC
A18
A17
A16
A15
OE#
I/O7
I/O6
Vss
Vcc
I/O5
I/O4
A14
A13
A12
A11
A10
NC
36 pin
Revolutionary
A0
A1
A2
A3
A4
CS#
I/O0
I/O1
Vcc
Vss
I/O2
I/O3
WE#
A5
A6
A7
A8
A9
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
32 pin
Evolutionary
A18
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
Vss
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Vcc
A15
A17
WE#
A13
A8
A9
A11
OE#
A10
CS#
I/O7
I/O6
I/O5
I/O4
I/O3


Similar Part No. - EDI88512CAXN36I

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88512CAXMB WEDC-EDI88512CAXMB Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
EDI88512CAXMC WEDC-EDI88512CAXMC Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
EDI88512CAXMI WEDC-EDI88512CAXMI Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
EDI88512CAXMM WEDC-EDI88512CAXMM Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
More results

Similar Description - EDI88512CAXN36I

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com