Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI88512LPAXKI Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # EDI88512LPAXKI
Description  512Kx8 Monolithic SRAM, SMD 5962-95600
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI88512LPAXKI Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  EDI88512LPAXKI Datasheet HTML 1Page - White Electronic Designs Corporation EDI88512LPAXKI Datasheet HTML 2Page - White Electronic Designs Corporation EDI88512LPAXKI Datasheet HTML 3Page - White Electronic Designs Corporation EDI88512LPAXKI Datasheet HTML 4Page - White Electronic Designs Corporation EDI88512LPAXKI Datasheet HTML 5Page - White Electronic Designs Corporation EDI88512LPAXKI Datasheet HTML 6Page - White Electronic Designs Corporation EDI88512LPAXKI Datasheet HTML 7Page - White Electronic Designs Corporation EDI88512LPAXKI Datasheet HTML 8Page - White Electronic Designs Corporation EDI88512LPAXKI Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EDI88512CA
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
October 2004
Rev. 11
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
AC CHARACTERISTICS – READ CYCLE
(VCC = 5.0V, Vss = 0V, -55°C
≤ TA ≤ +125°C)
Parameter
Symbol
15ns
17ns
20ns
25ns
35ns
45ns
55ns
Units
JEDEC
Alt.
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tAVAV
tRC
15
17
20
25
35
45
55
ns
Address Access Time
tAVQV
tAA
15
17
20
25
35
45
55
ns
Chip Enable Access Time
tELQV
tACS
15
17
20
25
35
45
55
ns
Chip Enable to Output in Low Z (1)
tELQX
tCLZ
2333333
ns
Chip Disable to Output in High Z (1)
tEHQZ
tCHZ
0707080
10
0
15
0
20
0
20
ns
Output Hold from Address Change
tAVQX
tOH
0000000
ns
Output Enable to Output Valid
tGLQV
tOE
8
8
10
12
15
25
30
ns
Output Enable to Output in Low Z (1)
tGLQX
tOLZ
0000000
ns
Output Disable to Output in High Z(1)
tGHQZ
tOHZ
0707080
10
0
15
0
20
0
20
ns
Parameter
Symbol
15ns
17ns
20ns
25ns
35ns
45ns
55ns
Units
JEDEC
Alt.
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
15
17
20
25
35
45
55
ns
Chip Enable to End of Write
tELWH
tELEH
tCW
tCW
13
13
14
14
15
15
17
17
25
25
30
30
50
50
ns
ns
Address Setup Time
tAVWL
tAVEL
tAS
tAS
0
0
0
0
0
0
0
0
0
0
0
0
0
0
ns
ns
Address Valid to End of Write
tAVWH
tAVEH
tAW
tAW
13
13
14
14
15
15
17
17
25
25
30
30
50
50
ns
ns
Write Pulse Width
tWLWH
tWLEH
tWP
tWP
13
13
14
14
15
15
17
17
25
25
30
30
45
45
ns
ns
Write Recovery Time
tWHAX
tEHAX
tWR
tWR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
ns
ns
Data Hold Time
tWHDX
tEHDX
tDH
tDH
0
0
0
0
0
0
0
0
0
0
0
0
0
0
ns
ns
Write to Output in High Z (1)
tWLQZ
tWHZ
0
8
0
8
0
8
0
10
0
25
0
30
0
30
ns
Data to Write Time
tDVWH
tDVEH
tDW
tDW
8
8
8
8
10
10
12
12
20
20
25
25
40
30
ns
ns
Output Active from End of Write (1)
tWHQX
tWLZ
00
0
0
00
0
ns
AC CHARACTERISTICS – WRITE CYCLE
(VCC = 5.0V, VSS = 0V, -55°C
≤ TA ≤ +125°C)
1. This parameter is guaranteed by design but not tested.
1. This parameter is guaranteed by design but not tested.


Similar Part No. - EDI88512LPAXKI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88512LPAXMB WEDC-EDI88512LPAXMB Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
EDI88512LPAXMC WEDC-EDI88512LPAXMC Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
EDI88512LPAXMI WEDC-EDI88512LPAXMI Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
EDI88512LPAXMM WEDC-EDI88512LPAXMM Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
More results

Similar Description - EDI88512LPAXKI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com