Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENH084V1-300 Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # ENH084V1-300
Description  ENH084V1-300/400 COLOR TFT-LCD MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

ENH084V1-300 Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  ENH084V1-300 Datasheet HTML 1Page - White Electronic Designs Corporation ENH084V1-300 Datasheet HTML 2Page - White Electronic Designs Corporation ENH084V1-300 Datasheet HTML 3Page - White Electronic Designs Corporation ENH084V1-300 Datasheet HTML 4Page - White Electronic Designs Corporation ENH084V1-300 Datasheet HTML 5Page - White Electronic Designs Corporation ENH084V1-300 Datasheet HTML 6Page - White Electronic Designs Corporation ENH084V1-300 Datasheet HTML 7Page - White Electronic Designs Corporation ENH084V1-300 Datasheet HTML 8Page - White Electronic Designs Corporation ENH084V1-300 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ENH084V1-300/400
Original specifications created by Sharp.
3
Display Systems Division • Hillsboro, OR • (503) 690-2460 • www.wedc.com
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
September, 2004
Rev. 1
White Electronic Designs
Display Systems Division
BACKLIGHT DRIVING
CNA, CNB
Parameter
Symbol
Condition
Ratings
Unit
Remark
Input voltage
VI
tA=25°C
-0.3~ VCC + 0.3
V
(1)
Supply voltage
VCC
tA=25°C
0~ + 6
V
-
Storage temperature
tSTG
-
-25~ + 70
°C
(2)
Operating temperature (Panel)
Topa
-
0~ + 63
Operating temperature (Ambient)
Topp
-
0~ + 60
°C
ABSOLUTE MAXIMUM RATINGS
Notes:
1.
CK, RO~R5, G0~G5, B0`B5, HSYNC, VSYNC, ENAB, R/L, U/L
2.
Humidity: 95%RH Max. at tA < 40°C
Maximum wet-bulb temperature at 39°C or less at tA < 40°C
No condensation.
Pin No.
Symbol
Function
1VHIGH
Power supply for lamp (High voltage side)
2
NC
This is electrically opened
3VLOW
Power supply for lamp (Low voltage side)
Used connector:
BHR-03VS-1(JST)
Corresponding connector:
SM02(8.0)B-BHS(JST)
WEDC
WEDC
R/L=HIGH, U/D=LOW
R/L=LOW, U/D=LOW
R/L=HIGH, U/D=HIGH
R/L=LOW, U/D=HIGH
3.
4.


Similar Part No. - ENH084V1-300

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH084V1-300 WEDC-ENH084V1-300 Datasheet
168Kb / 16P
   Color TFT-LCD Module Features
More results

Similar Description - ENH084V1-300

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH064V1-300 WEDC-ENH064V1-300 Datasheet
180Kb / 16P
   ENH064V1-300/450 Color TFT-LCD Module Features
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
   TFT LCD Color Module
logo
NEC
NL6448BC33-53 NEC-NL6448BC33-53 Datasheet
253Kb / 29P
   TFT COLOR LCD MODULE
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
   TFT COLOR LCD MODULE
TM150XG-02L02F ETC1-TM150XG-02L02F Datasheet
235Kb / 17P
   TFT COLOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com