Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI88130CXNM Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # EDI88130CXNM
Description  128Kx8 MONOLITHIC SRAM, SMD 5962-89598
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI88130CXNM Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  EDI88130CXNM Datasheet HTML 1Page - White Electronic Designs Corporation EDI88130CXNM Datasheet HTML 2Page - White Electronic Designs Corporation EDI88130CXNM Datasheet HTML 3Page - White Electronic Designs Corporation EDI88130CXNM Datasheet HTML 4Page - White Electronic Designs Corporation EDI88130CXNM Datasheet HTML 5Page - White Electronic Designs Corporation EDI88130CXNM Datasheet HTML 6Page - White Electronic Designs Corporation EDI88130CXNM Datasheet HTML 7Page - White Electronic Designs Corporation EDI88130CXNM Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI88128C
April 2005
Rev. 17
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Input Pulse Levels
VSS to 3.0V
Input Rise and Fall Times
5ns
Input and Output Timing Levels
1.5V
Output Load
Figure 1
AC Test Conditions
AC Characteristics – Read Cycle
VCC = 5V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
70ns
85ns
100ns
Units
JEDEC
Alt.
Min
Max
Min
Max
Min
Max
Read Cycle Time
tAVAV
tRC
70
85
100
ns
Address Access Time
tAVQV
tAA
70
85
100
ns
Chip Select Access Time
tELQV
tACS
70
85
100
ns
tSHQV
tACS
70
85
100
ns
Chip Select to Output in Low Z (1)
tELQX
tCLZ
333
ns
tSHQX
tCLZ
333
ns
Chip Disable to Output in High Z (1)
tEHQZ
tCHZ
30
30
30
ns
tSLQZ
tCHZ
30
30
30
ns
Output Hold from Address Change
tAVQX
tOH
333
ns
Output Enable to Output Valid
tGLQV
tOE
25
30
50
ns
Output Enable to Output in Low Z (1)
tGLQX
tOLZ
000
ns
Output Disable to Output in High Z (1)
tGHQZ
tOHZ
030030030
ns
1. This parameter is guaranteed by design but not tested.
NOTE: For tEHQZ, tGHQZ and tWLQZ, CL = 5pF Figure 2
30pF
480Ω
Vcc
Q
Figure 1
Figure 2
255Ω
5pF
480Ω
Vcc
Q
255Ω


Similar Part No. - EDI88130CXNM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88130CSXCB WEDC-EDI88130CSXCB Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88130CSXCC WEDC-EDI88130CSXCC Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88130CSXCI WEDC-EDI88130CSXCI Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88130CSXCM WEDC-EDI88130CSXCM Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
More results

Similar Description - EDI88130CXNM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com