Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ENH057Q1-350 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part No. ENH057Q1-350
Description  ENH057Q1-350/450/600 Color TFT-LCD Module Features
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEDC [White Electronic Designs Corporation]
Homepage  http://www.whiteedc.com
Logo 

ENH057Q1-350 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ENH057Q1-350/450/600
Original specifications created by Sharp.
5
Display Systems Division • Hillsboro, OR • (503) 690-2460 • www.wedc.com
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
September 2003
Rev. 0
White Electronic Designs
Display Systems Division
2.
VCC=3.3V V/Q= "H"
Typical current situation
:64-gray bar pattern
Timing: Typical signal
Maximum current situation
:Vertical stripe pattern by GS0 and GS42 signal on every other pixel.
(This pattern is used temporarily)
Timing: Typical signal
BACKLIGHT DRIVING SECTION
The backlight system is an edge-lighting type with single CCFT (Cold Cathode Fluorescent Tube).
The characteristics of a single lamp are shown below.
Parameter
Symbol
MIN
TYP
MAX
Unit
Remark
Lamp Voltage
VL7
620
690
760
Vrms
IL=6.5mArms
Lamp current
IL
4.5
5.0
5.5
mArms
normal operation
Lamp power consumption
WL
-
3.5
-
W
-
Lamp frequency
FL
30
-
60
KHz
(6)
Kickoff voltage
tA=25°C
VS
-
-
1350
Vrms
Sealed is connected to
GND
tA=30°C
-
-
1470
Vrms
GSO GS1 GS2
GS62 GS63
Typical Current Situation
GS42
GS0
Maximum current situation
3.
CK, RO~R5, GO~G5, BO~B5, HSYNC, VSYNC, ENAB, R/L, U/D, V/D
4.
CK, RO~R5, GO~G5, BO~B5, HSYNC, VSYNC, R/L, U/D
5.
ENAB, V/D
tA=25°C
(Inverter: HIU-288 [Output Condenser 22pF] Harison Electric Co., LTD.)
6.
Lamp frequency may produce interference with horizontal synchronous frequency, and this may cause horizontal beat on the display. Therefore, lamp frequency shall be
detached as much as possible from the horizontal synchronous frequency and from the harmonics of horizontal synchronous to avoid interference. In case of such usage under
lower temperature environments, periodic lamp exchange by WEDC is recommended.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ENH064V1-800ENH064V1-800 Color TFT-LCD Module Features 1 2 3 4 5 MoreWhite Electronic Designs Corporation
ENH104V2-XXXColor TFT-LCD Module Features 1 2 3 4 5 MoreWhite Electronic Designs Corporation
ENH064V1-300ENH064V1-300/450 Color TFT-LCD Module Features 1 2 3 4 5 MoreWhite Electronic Designs Corporation
ENH150X1-200Color TFT-LCD Module Features 1 2 3 4 5 MoreWhite Electronic Designs Corporation
ENH104V1-350ENH104V1-350/450 Color TFT-LCD Module Features 1 2 3 4 5 MoreWhite Electronic Designs Corporation
ENH181E1-XXXColor TFT-LCD Module Features 1 2 3 4 5 MoreWhite Electronic Designs Corporation
ENH104V2-380ENH104V2-380/450/600 Color TFT-LCD Module Features 1 2 3 4 5 MoreWhite Electronic Designs Corporation
ENH050Q1-XXXColor TFT-LCD Module Features GENERAL DESCRIPTION 1 2 3 4 5 MoreWhite Electronic Designs Corporation
ENH057Q1-XXXColor TFT-LCD Module Features GENERAL DESCRIPTION 1 2 3 4 5 MoreWhite Electronic Designs Corporation
ENH064V1-600Color TFT-LCD MODULE FEATURES 1 White Electronic Designs Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn