Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENH050QA1-450 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # ENH050QA1-450
Description  ENH050QA1-320/450/600 Color TFT-LCD Module Features
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

ENH050QA1-450 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  ENH050QA1-450 Datasheet HTML 1Page - White Electronic Designs Corporation ENH050QA1-450 Datasheet HTML 2Page - White Electronic Designs Corporation ENH050QA1-450 Datasheet HTML 3Page - White Electronic Designs Corporation ENH050QA1-450 Datasheet HTML 4Page - White Electronic Designs Corporation ENH050QA1-450 Datasheet HTML 5Page - White Electronic Designs Corporation ENH050QA1-450 Datasheet HTML 6Page - White Electronic Designs Corporation ENH050QA1-450 Datasheet HTML 7Page - White Electronic Designs Corporation ENH050QA1-450 Datasheet HTML 8Page - White Electronic Designs Corporation ENH050QA1-450 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ENH050QA1-320/450/600
Original specifications created by Sharp.
4
Display Systems Division • Hillsboro, OR • (503) 690-2460 • www.wedc.com
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
January 2006
Rev. 1
White Electronic Designs
Display Systems Division
ELECTRICAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
TFT-LCD PANEL DRIVING SECTION
GND=0V, tA=25°C
Parameter
Symbol
MIN
TYP
MAX
Unit
Remarks
Positive power supply voltage
VSH
+7.8
+8.0
+8.2
V
(1)
Negative power supply voltage
VSL
-5.2
-5.0
-4.8
V
Analog input voltage
Amplitude
VBS
0.7
1.0
2.0
Vp-p
Input resistor is
over 10k
Ω.
VI
-
0.7
-
Vp-p
(2)
DC component
VIDC
-1.0
0
-1.0
V
(3)
Digital Input voltage
High level
VIH
-3.7
-
+5.1
V
Input resistor is over 10k
Ω. (4)
Low level
VIL
0
-
+1.0
V
Histeresis
VH
0.4
-
-
V
Digital output voltage
High level
VOH
+4.0
-
+5.5
V
Load resister is over 60k
Ω. (5)
Low level
VOL
0
-
+1.0
V
Output clock
Duty cycle
Duty
45/55
50/50
55/45
-
CKC=High (6)
(7)
Drive capability
IOH
-
-
0.25
mA
IOL
-0.28
-
-
mA
Input horizontal sync.
component
freq.
NTSC
fH (N)
15.13
15.73
16.33
kHz
CKC=High
(8)
for VBS terminal
PAL
fH (P)
15.03
15.63
16.23
kHz
pulse
width
NTSC
tHI (N)
4.2
4.7
5.2
µs
PAL
tHI (P)
4.2
4.7
5.2
µs
rise time
trHI1
-
-
0.5
µs
fall time
tfHI1
-
-
0.5
µs
Input vertical sync.
component
freq.
NTSC
fV (N)
fH/284
fH/262
fH/258
Hz
CKC=High, H=1/fH
(9)
for VBS terminal
PAL
fV (P)
fH/344
fH/312
fH/304
Hz
pulse
width
NTSC
tVI (N)
-
3H
-
µs
PAL
tVI (P)
-
2.5H
-
µs
rise time
trVI1
-
-
0.5
µs
fall time
tfVI1
-
-
0.5
µs
Input clock
frequency
fCLI
18.2
18.9
19.6
MHz
CKC=Low
(10)
for CK terminal
fCLI
6.0
6.8
7.6
MHz
High width
tWH
20.0
-
-
ns
Low width
tWL
20.0
-
-
ns
rise time
trCLI
-
-
5.0
ns
fall time
tfCLI
-
-
5.0
ns
Input HSY
(Horizontal sync.)
frequency
fHI
fCLI/1230
fCLI/1200
fCLI/1170
Hz
CKC=Low
(11)
for CK terminal
fHI
fCLI/465
fCLI/435
fCLI/405
Hz
pulse width
tHI
1.0
4.7
8.4
µs
rise time
trHI1
-
-
0.05
µs
fall time
tfHI1
-
-
0.05
µs
Input VSY
(Vertical sync.)
frequency
fVI
50
fHI/262
fHI/258
Hz
CKC=Low
for VSY terminal
pulse width
tVI (P)
1H
3H
5H
µs
rise time
trVI1
-
-
0.5
µs
fall time
tfVI2
-
-
0.5
µs
Data set up time
tSU1
25
-
-
ns
(13)
CKC=Low
Data hold time
tHO1
25
-
-
ns
Data set up time
tSU2
1.0
-
-
µs
(14)
Data hold time
tHO2
1.0
-
-
µs
VOH=2.6V
VOL=2.3V
SAM=High
SAM=Low
SAM=High
SAM=Low
(12)


Similar Part No. - ENH050QA1-450

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH050Q1-320 WEDC-ENH050Q1-320 Datasheet
325Kb / 21P
   Color TFT-LCD Module Features GENERAL DESCRIPTION
ENH050Q1-450 WEDC-ENH050Q1-450 Datasheet
325Kb / 21P
   Color TFT-LCD Module Features GENERAL DESCRIPTION
ENH050Q1-600 WEDC-ENH050Q1-600 Datasheet
325Kb / 21P
   Color TFT-LCD Module Features GENERAL DESCRIPTION
logo
List of Unclassifed Man...
ENH050Q1-650 ETC-ENH050Q1-650 Datasheet
71Kb / 1P
   ENH050Q1-650 COLOR THT-LCD MODULE FEATURES
logo
White Electronic Design...
ENH050Q1-XXX WEDC-ENH050Q1-XXX Datasheet
325Kb / 21P
   Color TFT-LCD Module Features GENERAL DESCRIPTION
More results

Similar Description - ENH050QA1-450

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH057Q1-350 WEDC-ENH057Q1-350 Datasheet
151Kb / 16P
   ENH057Q1-350/450/600 Color TFT-LCD Module Features
ENH038QD1-450 WEDC-ENH038QD1-450 Datasheet
214Kb / 15P
   ENH038QD1-450/600/650 Color TFT-LCD Module Features
ENH104V2-380 WEDC-ENH104V2-380 Datasheet
136Kb / 15P
   ENH104V2-380/450/600 Color TFT-LCD Module Features
ENH104V1-350 WEDC-ENH104V1-350 Datasheet
170Kb / 15P
   ENH104V1-350/450 Color TFT-LCD Module Features
ENH064V1-300 WEDC-ENH064V1-300 Datasheet
180Kb / 16P
   ENH064V1-300/450 Color TFT-LCD Module Features
ENH150X1-200 WEDC-ENH150X1-200 Datasheet
346Kb / 14P
   Color TFT-LCD Module Features
ENH181E1-XXX WEDC-ENH181E1-XXX Datasheet
388Kb / 17P
   Color TFT-LCD Module Features
ENH084V1-XXX WEDC-ENH084V1-XXX Datasheet
168Kb / 16P
   Color TFT-LCD Module Features
ENH104V1-XXX WEDC-ENH104V1-XXX Datasheet
162Kb / 15P
   Color TFT-LCD Module Features
ENH064V1-600 WEDC-ENH064V1-600 Datasheet
41Kb / 1P
   Color TFT-LCD MODULE FEATURES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com