Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI88512LPAXMC Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # EDI88512LPAXMC
Description  512Kx8 Plastic Monolithic SRAM CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI88512LPAXMC Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  EDI88512LPAXMC Datasheet HTML 1Page - White Electronic Designs Corporation EDI88512LPAXMC Datasheet HTML 2Page - White Electronic Designs Corporation EDI88512LPAXMC Datasheet HTML 3Page - White Electronic Designs Corporation EDI88512LPAXMC Datasheet HTML 4Page - White Electronic Designs Corporation EDI88512LPAXMC Datasheet HTML 5Page - White Electronic Designs Corporation EDI88512LPAXMC Datasheet HTML 6Page - White Electronic Designs Corporation EDI88512LPAXMC Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI88512CA-RP
May 2004
Rev. 6
AC CHARACTERISTICS – READ CYCLE
VCC = 5.0V, VSS = 0V, 0°C ≤ TA ≤ +70°C
Parameter
Symbol
17ns
20ns
25ns
Units
JEDEC
Alt.
Min
Max
Min
Max
Min
Max
Read Cycle Time
tAVAV
tRC
17
20
25
ns
Address Access Time
tAVQV
tAA
17
20
25
ns
Chip Enable Access Time
tELQV
tACS
17
20
25
ns
Chip Enable to Output in Low Z (1)
tELQX
tCLZ
333
ns
Chip Disable to Output in High Z (1)
tEHQZ
tCHZ
07080
10
ns
Output Hold from Address Change
tAVQX
tOH
000
ns
Output Enable to Output Valid
tGLQV
tOE
810
12
ns
Output Enable to Output in Low Z (1)
tGLQX
tOLZ
000
ns
Output Disable to Output in High Z(1)
tGHQZ
tOHZ
07080
10
ns
1. This parameter is guaranteed by design but not tested.
AC CHARACTERISTICS – WRITE CYCLE
VCC = 5.0V, VSS = 0V, 0°C ≤ TA ≤ +70°C
Parameter
Symbol
17ns
20ns
25ns
Units
JEDEC
Alt.
Min
Max
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
17
20
25
ns
Chip Enable to End of Write
tELWH
tELEH
tCW
tCW
14
14
15
15
17
17
ns
ns
Address Setup Time
tAVWL
tAVEL
tAS
tAS
0
0
0
0
0
0
ns
ns
Address Valid to End of Write
tAVWH
tAVEH
tAW
tAW
14
14
15
15
17
17
ns
ns
Write Pulse Width
tWLWH
tWLEH
tWP
tWP
14
14
15
15
17
17
ns
ns
Write Recovery Time
tWHAX
tEHAX
tWR
tWR
0
0
0
0
0
0
ns
ns
Data Hold Time
tWHDX
tEHDX
tDH
tDH
0
0
0
0
0
0
ns
ns
Write to Output in High Z (1)
tWLQZ
tWHZ
08080
10
ns
Data to Write Time
tDVWH
tDVEH
tDW
tDW
8
8
10
10
12
12
ns
ns
Output Active from End of Write (1)
tWHQX
tWLZ
000
ns
1. This parameter is guaranteed by design but not tested.


Similar Part No. - EDI88512LPAXMC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88512LPAXB32B WEDC-EDI88512LPAXB32B Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
EDI88512LPAXB32C WEDC-EDI88512LPAXB32C Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
EDI88512LPAXB32I WEDC-EDI88512LPAXB32I Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
EDI88512LPAXB32M WEDC-EDI88512LPAXB32M Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
EDI88512LPAXCB WEDC-EDI88512LPAXCB Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
More results

Similar Description - EDI88512LPAXMC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
List of Unclassifed Man...
WMS512K8V-15 ETC-WMS512K8V-15 Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
WMS512K8 ETC1-WMS512K8 Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8V-XXX WEDC-WMS512K8V-XXX Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
Eorex Corporation
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com