Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI88130LPSXCM Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # EDI88130LPSXCM
Description  128Kx8 Monolithic SRAM, SMD 5962-89598
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI88130LPSXCM Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  EDI88130LPSXCM Datasheet HTML 1Page - White Electronic Designs Corporation EDI88130LPSXCM Datasheet HTML 2Page - White Electronic Designs Corporation EDI88130LPSXCM Datasheet HTML 3Page - White Electronic Designs Corporation EDI88130LPSXCM Datasheet HTML 4Page - White Electronic Designs Corporation EDI88130LPSXCM Datasheet HTML 5Page - White Electronic Designs Corporation EDI88130LPSXCM Datasheet HTML 6Page - White Electronic Designs Corporation EDI88130LPSXCM Datasheet HTML 7Page - White Electronic Designs Corporation EDI88130LPSXCM Datasheet HTML 8Page - White Electronic Designs Corporation EDI88130LPSXCM Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI88130CS
March 2002
Rev. 11
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
AC CHARACTERISTICS – WRITE CYCLE (15 to 20ns)
VCC = 5.0V, Vss = 0V, -55°C
≤ TA ≤ +125°C
Parameter
Symbol
15ns*
17ns
20ns
Units
JEDEC
Alt.
Min
Max
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
15
17
20
ns
Chip Enable to End of Write
tE1LWH
tE1LE1H
tE2HWH
tE2HE2L
tCW
tCW
tCW
tCW
12
12
12
12
13
13
13
13
15
15
15
15
ns
ns
ns
ns
Address Setup Time
tAVWL
tAVE1L
tAVE2H
tAS
tAS
tAS
0
0
0
0
0
0
0
0
0
ns
ns
ns
Address Valid to End of Write
tAVWH
tAW
12
13
15
ns
Write Pulse Width
tWLWH
tWLE1H
tWLE2L
tWP
tWP
tWP
12
12
12
13
13
13
15
15
15
ns
ns
ns
Write Recovery Time
tWHAX
tE1HAX
tE2LAX
tWR
tWR
tWR
0
0
0
0
0
0
0
0
0
ns
ns
ns
Data Hold Time
tWHDX
tE1HDX
tE2LDX
tDH
tDH
tDH
0
0
0
0
0
0
0
0
0
ns
ns
ns
Write to Output in High Z (1)
tWLQZ
tWHZ
070808
ns
Data to Write Time
tDVWH
tDVE1H
tDVE2L
tDW
tDW
tDW
7
7
7
8
8
8
10
10
10
ns
ns
ns
Output Active from End of Write (1)
tWHQX
tWLZ
333
ns
1. This parameter is guaranteed by design but not tested.
AC CHARACTERISTICS – WRITE CYCLE (25 to 55ns)
VCC = 5.0V, Vss = 0V, -55°C
≤ TA ≤ +125°C
Symbol
25ns
35ns
45ns
55ns
Units
Parameter
JEDEC
Alt.
Min
Max
Min
Max
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
25
35
45
55
ns
Chip Enable to End of Write
tE1LWH
tE1LE1H
tE2HWH
tE2HE2L
tCW
tCW
tCW
tCW
20
16
16
16
25
20
20
20
35
25
25
25
45
40
40
40
ns
ns
ns
ns
Address Setup Time
tAVWL
tAVE1L
tAVE2H
tAS
tAS
tAS
0
0
0
0
0
0
0
0
0
0
0
0
ns
ns
ns
Address Valid to End of Write
tAVWH
tAVEH
tAW
tAW
20
20
25
25
35
35
45
45
ns
ns
Write Pulse Width
tWLWH
tWLE1H
tWLE2L
tWP
tWP
tWP
20
20
20
30
30
30
30
30
30
35
35
35
ns
ns
ns
Write Recovery Time
tWHAX
tE1HAX
tE2LAX
tWR
tWR
tWR
0
0
0
0
0
0
5
5
5
5
5
5
ns
ns
ns
Data Hold Time
tWHDX
tE1HDX
tE2LDX
tDH
tDH
tDH
0
0
0
0
0
0
0
0
0
0
0
0
ns
ns
ns
Write to Output in High Z (1)
tWLQZ
tWHZ
010013015020
ns
Data to Write Time
tDVWH
tDVE1H
tDVE2L
tDW
tDW
tDW
15
15
15
20
20
20
20
20
20
25
25
25
ns
ns
ns
Output Active from End of Write (1)
tWHQX
tWLZ
3333
ns
1. This parameter is guaranteed by design but not tested.


Similar Part No. - EDI88130LPSXCM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88130LPXCB WEDC-EDI88130LPXCB Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130LPXCC WEDC-EDI88130LPXCC Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130LPXCI WEDC-EDI88130LPXCI Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130LPXCM WEDC-EDI88130LPXCM Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130LPXNB WEDC-EDI88130LPXNB Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
More results

Similar Description - EDI88130LPSXCM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com