Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI88512LPAXNB Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # EDI88512LPAXNB
Description  512Kx8 Monolithic SRAM, SMD 5962-95600
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI88512LPAXNB Datasheet(HTML) 9 Page - White Electronic Designs Corporation

  EDI88512LPAXNB Datasheet HTML 1Page - White Electronic Designs Corporation EDI88512LPAXNB Datasheet HTML 2Page - White Electronic Designs Corporation EDI88512LPAXNB Datasheet HTML 3Page - White Electronic Designs Corporation EDI88512LPAXNB Datasheet HTML 4Page - White Electronic Designs Corporation EDI88512LPAXNB Datasheet HTML 5Page - White Electronic Designs Corporation EDI88512LPAXNB Datasheet HTML 6Page - White Electronic Designs Corporation EDI88512LPAXNB Datasheet HTML 7Page - White Electronic Designs Corporation EDI88512LPAXNB Datasheet HTML 8Page - White Electronic Designs Corporation EDI88512LPAXNB Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
EDI88512CA
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
October 2004
Rev. 11
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
EDI 8
8 512
CA X X X
ORDERING INFORMATION
WHITE ELECTRONIC DESIGNS
SRAM
ORGANIZATION, 512Kx8
TECHNOLOGY:
CA = CMOS Standard Power
LPA = Low Power
ACCESS TIME (ns)
PACKAGE TYPE:
C
= 32 lead Sidebrazed DIP, 600 mil (Package 9)
K
= 36 lead Ceramic LCC (Package 502)
N
= 32 lead Ceramic SOJ (Package 140)
T
= 32 lead Sidebrazed DIP, 400 mil (Package 326)
B32 = 32 pin Ceramic Thinpack™ Flatpack (Package 321)
F32 = 32 pin Ceramic Flatpack (Package 344)
F36 = 36 pin Ceramic Flatpack (Package 316)
N36 = 36 lead Ceramic SOJ (Package 327)
DEVICE GRADE:
B
= MIL-STD-883 Compliant
M
= Military Screened
-55°C
≤ TA +125°C
I
= Industrial
-40°C
≤ TA +85°C
C
= Commercial
0°C
≤ TA +70°C


Similar Part No. - EDI88512LPAXNB

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88512LPAXMB WEDC-EDI88512LPAXMB Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
EDI88512LPAXMC WEDC-EDI88512LPAXMC Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
EDI88512LPAXMI WEDC-EDI88512LPAXMI Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
EDI88512LPAXMM WEDC-EDI88512LPAXMM Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
More results

Similar Description - EDI88512LPAXNB

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com