Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI88130CSXCB Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # EDI88130CSXCB
Description  128Kx8 Monolithic SRAM, SMD 5962-89598
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI88130CSXCB Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  EDI88130CSXCB Datasheet HTML 1Page - White Electronic Designs Corporation EDI88130CSXCB Datasheet HTML 2Page - White Electronic Designs Corporation EDI88130CSXCB Datasheet HTML 3Page - White Electronic Designs Corporation EDI88130CSXCB Datasheet HTML 4Page - White Electronic Designs Corporation EDI88130CSXCB Datasheet HTML 5Page - White Electronic Designs Corporation EDI88130CSXCB Datasheet HTML 6Page - White Electronic Designs Corporation EDI88130CSXCB Datasheet HTML 7Page - White Electronic Designs Corporation EDI88130CSXCB Datasheet HTML 8Page - White Electronic Designs Corporation EDI88130CSXCB Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI88130CS
March 2002
Rev. 11
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Parameter
Symbol
25ns
35ns
45ns
55ns
Units
JEDEC
Alt.
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tAVAV
tRC
25
35
45
55
ns
Address Access Time
tAVQV
tAA
25
35
45
55
ns
Chip Enable Access Time
tE1LQV
tACS
25
35
45
55
ns
Chip Enable Access Time
tE2HQV
tACS
25
35
45
55
ns
Chip Enable to Output in Low Z (1)
tE1LQX
tE2HQX
tCLZ
tCLZ
5
5
5
5
5
5
5
5
ns
ns
Chip Disable to Output in Low Z (1)
tE1HQZ
tE2LQZ
tCHZ
tCHZ
10
10
15
15
20
20
20
20
ns
ns
Output Hold from Address Change
tAVQX
tOH
0000
ns
Output Enable to Output Valid
tGLQV
tOE
10
15
20
25
ns
Output Enable to Output in Low Z (1)
tGLQX
tOLZ
0000
ns
Output Disable to Output in High Z(1)
tGHQZ
tOHZ
10
15
20
20
ns
Chip Enable to Power Up (1)
tE1LICCH
tE2HICCH
tPU
tPU
0
0
0
0
0
0
0
0
ns
ns
Chip Enable to Power Down (1)
tE1HICCL
tE2LICCL
tPD
tPD
25
25
35
35
45
45
55
55
ns
ns
1. This parameter is guaranteed by design but not tested.
AC CHARACTERISTICS – READ CYCLE (15 to 20ns)
VCC = 5.0V, Vss = 0V, -55°C
≤ TA ≤ +125°C
Parameter
Symbol
15ns*
17ns
20ns
Units
JEDEC
Alt.
Min
Max
Min
Max
Min
Max
Read Cycle Time
tAVAV
tRC
15
17
20
ns
Address Access Time
tAVQV
tAA
15
17
20
ns
Chip Enable Access Time
tE1LQV
tE2HQV
tACS
tACS
15
15
17
17
20
20
ns
ns
Chip Enable to Output in Low Z (1)
tE1LQX
tE2HQX
tCLZ
tCLZ
5
5
5
5
5
5
ns
ns
Chip Disable to Output in Low Z (1)
tE1HQZ
tE2LQZ
tCHZ
tCHZ
6
6
7
7
8
8
ns
ns
Output Hold from Address Change
tAVQX
tOH
333
ns
Output Enable to Output Valid
tGLQV
tOE
667
ns
Output Enable to Output in Low Z (1)
tGLQX
tOLZ
000
ns
Output Disable to Output in High Z(1)
tGHQZ
tOHZ
568
ns
Chip Enable to Power Up (1)
tE1LICCH
tE2HICCH
tPU
tPU
0
0
0
0
0
0
ns
ns
Chip Enable to Power Down (1)
tE1HICCL
tE2LICCL
tPD
tPD
15
15
17
17
20
20
ns
ns
1. This parameter is guaranteed by design but not tested.
* 15ns access time is advanced information, contact factory for availability.
AC CHARACTERISTICS – READ CYCLE (25 to 55ns)
VCC = 5.0V, Vss = 0V, -55°C
≤ TA ≤ +125°C


Similar Part No. - EDI88130CSXCB

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88130CXCB WEDC-EDI88130CXCB Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CXCC WEDC-EDI88130CXCC Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CXCI WEDC-EDI88130CXCI Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CXCM WEDC-EDI88130CXCM Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CXNB WEDC-EDI88130CXNB Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
More results

Similar Description - EDI88130CSXCB

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com