Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX29F010-55TI Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NX29F010-55TI
Description  1M-BIT (128K x 8-bit) CMOS, 5.0V Only ULTRA-FAST SECTORED FLASH MEMORY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NX29F010-55TI Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NX29F010-55TI Datasheet HTML 1Page - List of Unclassifed Manufacturers NX29F010-55TI Datasheet HTML 2Page - List of Unclassifed Manufacturers NX29F010-55TI Datasheet HTML 3Page - List of Unclassifed Manufacturers NX29F010-55TI Datasheet HTML 4Page - List of Unclassifed Manufacturers NX29F010-55TI Datasheet HTML 5Page - List of Unclassifed Manufacturers NX29F010-55TI Datasheet HTML 6Page - List of Unclassifed Manufacturers NX29F010-55TI Datasheet HTML 7Page - List of Unclassifed Manufacturers NX29F010-55TI Datasheet HTML 8Page - List of Unclassifed Manufacturers NX29F010-55TI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
NX29F010
4
NexFlash Technologies, Inc.
NXPF001F-0600
06/22/00 ©
BUS OPERATIONS
Table 2. Device Bus Operations(1, 2)
Operation
CE
CE
CE
CE
CE
OE
OE
OE
OE
OE
WE
WE
WE
WE
WE
Address (A16-A0)
DQ0-DQ7
Read
L
L
H
AIN
Data Out
Write
L
H
L
AIN
Data In
Standby
VCC ± 0.5V
X
X
X
High-Z
Output Disable
L
H
H
X
High-Z
Notes:
1. L = VIL , H = VIH , X = Don't care, AIN = Address In.
2. The sector protect and sector unprotect functions must be implemented via programming equipment.
See the Sector Protection/Unprotection section.
Requirements for Reading Array Data
Upon device power-up, or after a hardware reset, the internal
state machine is set for reading array data. This ensures
that no spurious alteration of the memory content occurs
during the power transition. No command is necessary in
this mode to obtain array data. Standard microprocessor
read cycles that assert valid addresses on the device
address inputs produce valid data on the device data
outputs. The device remains enabled for read access until
the command register contents are altered.
The system must drive the
CE and OE pins to VIL to read
array data from the outputs.
CE is the power control and
selects the device.
OE is the output control that passes
array data to the output pins. During a READ operation,
WE
must remain at VIH.
Write Commands/Command Sequences
The system must drive
WE and CE to VIL, and OE to VIH to
write a command or command sequence (which includes
programming data to the device and erasing sectors of
memory).
An erase operation can erase one sector, multiple sectors,
or the entire device. The Sector Address Table (see Table 3)
indicate the address space that each sector occupies. A
"sector address" consists of the address bits required to
uniquely select a sector. See the "Command Definitions"
section for details on erasing a sector or the entire chip.
Table 3. Sector Addresses Table
Sector
A16
A15
A14
Address Range
Sector A0
0
0
0
00000H-03FFFH
Sector A1
0
0
1
04000H-07FFFH
Sector A2
0
1
0
08000H-0BFFFH
Sector A3
0
1
1
0C000H-0FFFFH
Sector A4
1
0
0
10000H-13FFFH
Sector A5
1
0
1
14000H-17FFFH
Sector A6
1
1
0
18000H-1BFFFH
Sector A7
1
1
1
1C000H-1FFFFH
After the system writes the auto-select command
sequence, the device enters the auto-select mode. The
system can then read auto-select codes from the internal
register (which is separate from the memory array) on
DQ7-DQ0. Standard read cycle timings apply in this mode.
Refer to the "Auto-select Mode and Auto-select Command
Sequence" sections for more information.
Program and Erase Operation Status
By reading the status bits on DQ7-DQ0, the system may
check the status of the operation during an erase or program
operation.


Similar Part No. - NX29F010-55TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX200105 ETC2-NX200105 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
NX200106 ETC2-NX200106 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
NX200107 ETC2-NX200107 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
NX200108 ETC2-NX200108 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
logo
NIHON DEMPA KOGYO
NX2012SA NDK-NX2012SA Datasheet
236Kb / 1P
   Crystal Units, For OA / AV / Mobile Communications
More results

Similar Description - NX29F010-55TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29LV008T AMD-AM29LV008T Datasheet
143Kb / 39P
   8 Megabit (1,048,576 x 8-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
logo
AMIC Technology
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29001B AMICC-A29001B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF010-55CCIN ALSC-AS29CF010-55CCIN Datasheet
600Kb / 28P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com