Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX29F010-55TI Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NX29F010-55TI
Description  1M-BIT (128K x 8-bit) CMOS, 5.0V Only ULTRA-FAST SECTORED FLASH MEMORY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NX29F010-55TI Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NX29F010-55TI Datasheet HTML 1Page - List of Unclassifed Manufacturers NX29F010-55TI Datasheet HTML 2Page - List of Unclassifed Manufacturers NX29F010-55TI Datasheet HTML 3Page - List of Unclassifed Manufacturers NX29F010-55TI Datasheet HTML 4Page - List of Unclassifed Manufacturers NX29F010-55TI Datasheet HTML 5Page - List of Unclassifed Manufacturers NX29F010-55TI Datasheet HTML 6Page - List of Unclassifed Manufacturers NX29F010-55TI Datasheet HTML 7Page - List of Unclassifed Manufacturers NX29F010-55TI Datasheet HTML 8Page - List of Unclassifed Manufacturers NX29F010-55TI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
NexFlash Technologies, Inc.
1
NXPF001F-0600
06/22/00 ©
This document contains PRELIMINARY data. NexFlash reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We
assume no responsibility for any errors which may appear in this publication. © Copyright 1998, NexFlash Technologies, Inc..
NX29F010
1M-BIT (128K x 8-bit)
CMOS, 5.0V Only
ULTRA-FAST SECTORED FLASH MEMORY
FEATURES
• Ultra-fast Performance
– 35, 45, 55, 70, and 90 ns max. access times
• Temperature Ranges
– Commercial 0
oc-70oc
– Industrial -40
oc-85oc
• Single 5V-only Power Supply
– 5V ± 10% for Read, Program, and Erase
• CMOS Low Power Consumption
– 20 mA (typical) active read current
– 30 mA (typical) Program/Erase current
• Compatible with JEDEC-Standard Pinouts
– 32-pin DIP, PLCC, TSOP
• Program/function Compatible with AM29F010
– No system firmware changes
– Uses same PROM programer algorithm
• Flexible sector architecture
– Erase any of eight uniform sectors or full chip erase
– Sector protection/unprotection using PROM
programming equipment
• 100,000 Program/Erase cycles
• Embedded algorithms
– Automatically programs and verifies data at
specified address
– Auto-programs and erases the chip or any
designated sector
• Data/Polling and Toggle Bits
– Detect program or erase cycle completion
JUNE 2000
DESCRIPTION
The
NexFlash NX29F010 is a 1 Megabit (131,072 bytes)
single 5.0V-only Sectored Flash Memory. The NX29F010
provides in-system programming with the standard system
5.0V-only Vcc supply and can be programmed or erased in
standard PROM programmers.
The NX29F010 offers access times of 35, 45, 55, 70, and
90 ns allowing high-speed controller and DSPs' to operate
without wait states. Byte-wide data appears on DQ0-DQ7.
Separate chip enable (
CE), write enable (WE), and output
enable (
OE) controls eliminates bus contention.
Power consumption is greatly reduced when the system
places the device into the Standby Mode.
The device is offered in 32-pin PLCC, TSOP, and PDIP
packages.
Principles of Operation
Only a single 5.0V power supply is required for both read and
write functions. Program or erase operations do not require
12.0V VPP. Internally generated and regulated voltages are
provided for the program and erase operations.
The device is entirely command set compatible with the
JEDEC single power supply Flash standard. Commands
are written to the command register using standard micro-
processor write timings. Register contents serve as input to
an internal state machine that controls the erase and
programming circuitry. Write cycles also internally latch
addresses and data needed for the programming and
erase operations. Reading data out of the device is similar
to reading from other Flash or EPROM devices.
Executing the Program Command Sequence invokes the
Embedded Program Algorithm, an internal algorithm that
automatically times the program pulse widths and verifies
proper cell margin.


Similar Part No. - NX29F010-55TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX200105 ETC2-NX200105 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
NX200106 ETC2-NX200106 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
NX200107 ETC2-NX200107 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
NX200108 ETC2-NX200108 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
logo
NIHON DEMPA KOGYO
NX2012SA NDK-NX2012SA Datasheet
236Kb / 1P
   Crystal Units, For OA / AV / Mobile Communications
More results

Similar Description - NX29F010-55TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29LV008T AMD-AM29LV008T Datasheet
143Kb / 39P
   8 Megabit (1,048,576 x 8-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
logo
AMIC Technology
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29001B AMICC-A29001B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF010-55CCIN ALSC-AS29CF010-55CCIN Datasheet
600Kb / 28P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com