Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX29F010-45PLI Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NX29F010-45PLI
Description  1M-BIT (128K x 8-bit) CMOS, 5.0V Only ULTRA-FAST SECTORED FLASH MEMORY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NX29F010-45PLI Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NX29F010-45PLI Datasheet HTML 3Page - List of Unclassifed Manufacturers NX29F010-45PLI Datasheet HTML 4Page - List of Unclassifed Manufacturers NX29F010-45PLI Datasheet HTML 5Page - List of Unclassifed Manufacturers NX29F010-45PLI Datasheet HTML 6Page - List of Unclassifed Manufacturers NX29F010-45PLI Datasheet HTML 7Page - List of Unclassifed Manufacturers NX29F010-45PLI Datasheet HTML 8Page - List of Unclassifed Manufacturers NX29F010-45PLI Datasheet HTML 9Page - List of Unclassifed Manufacturers NX29F010-45PLI Datasheet HTML 10Page - List of Unclassifed Manufacturers NX29F010-45PLI Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
NX29F010
NexFlash Technologies, Inc.
7
NXPF001F-0600
06/22/00 ©
Table 5. Command Definitions
Bus Cycles (2)
(Hexadecimal)
Command(1)
1st
2nd
3rd
4th
5th
6th
Sequence
Cycles
Addr Data
Addr Data
Addr Data
Addr Data
Addr Data
Addr Data
Read(3,4)
1RA
RD
Reset(5)
1
XXXX
F0
Auto-select(6)
Manufacturer Equiv. ID 4
5555
AA
2AAA 55
5555
90
XX00 01
Device Equiv. ID
4
5555
AA
2AAA 55
5555
90
XX01 20
Sector Protect
4
5555
AA
2AAA 55
5555
90
(SA)
00
Verify(7,8)
X02
01
Program(9)
4
5555
AA
2AAA 55
5555
A0
PA
PD
Chip Erase
6
5555
AA
2AAA 55
5555
80
5555 AA
2AAA 55
5555
10
Sector Erase
6
5555
AA
2AAA 55
5555
80
5555 AA
2AAA 55
SA
30
Notes:
1.
Bus Operations are described in Table 2.
2.
All command bus cycles are write operations, except when reading array or auto-select data.
3.
No unlock or command cycles are required when reading array data.
4.
RA = Address of the memory location to be read; RD = Data read from location RA during read operation
5.
The Reset command is required to return to reading array data when device is in the auto-select mode, or if DQ5 goes high
(while the device is providing status data).
6.
The fourth cycle of the "Auto-select Command Sequence" is a read operation.
7.
The data is 00H for an unprotected sector and 01h for a protected sector. See "Auto-select Command Sequence" for more
information.
8.
SA = Address of the sector to be verified (in auto-select mode) or erased. Address bits A16-A14 uniquely select any sector
9.
PA = Address of the memory location to be programmed. Addresses latch on the falling edge of the
WE or CE pulse,
whichever happens later; PD = Data to be programmed at location PA. Data latches on the rising edge of
WE or CE pulse,
whichever happens first.
10. Address bit A16 and A15 =x (don't care) for all address commands except for Program Address (PA), Read Address (RA) and
Sector Address (SA).
11. X = Don't Care.
A read cycle at address XX00H or retrieves the manufac-
turer code. A read cycle at address XX01H returns the
device code. A read cycle containing a sector address (SA)
and the address 02H in returns 01H if that sector is
protected, or 00H if it is unprotected. Refer to the Sector
Address tables for valid sector addresses.
The system must write the reset command to exit the
auto-select mode and return to reading array data.
Byte Program Command Sequence
Programming is a four-bus-cycle operation. The program
command sequence is initiated by writing two unlock write
cycles, followed by the program setup command. The pro-
gram address and data are written next, which in turn initiate
theEmbeddedProgramalgorithm.Thesystemisnotrequired
to provide further controls or timings. The device automati-
cally provides internally generated program pulses and verify
theprogrammedcellmargin.TheCommandDefinitionsTable
(Table 5) shows the address and data requirements for the
byte program command sequence.
When the Embedded Program algorithm is complete, the
device then returns to reading array data and addresses are
no longer latched. The system can determine the status of
the program operation by using DQ7 or DQ6.
See "Write Operation Status" for information on these
status bits.


Similar Part No. - NX29F010-45PLI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX200105 ETC2-NX200105 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
NX200106 ETC2-NX200106 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
NX200107 ETC2-NX200107 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
NX200108 ETC2-NX200108 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
logo
NIHON DEMPA KOGYO
NX2012SA NDK-NX2012SA Datasheet
236Kb / 1P
   Crystal Units, For OA / AV / Mobile Communications
More results

Similar Description - NX29F010-45PLI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29LV008T AMD-AM29LV008T Datasheet
143Kb / 39P
   8 Megabit (1,048,576 x 8-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
logo
AMIC Technology
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29001B AMICC-A29001B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF010-55CCIN ALSC-AS29CF010-55CCIN Datasheet
600Kb / 28P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com