Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6520 Datasheet(PDF) 50 Page - EM Microelectronic - MARIN SA

Part # EM6520
Description  MFP version of EM6620 Ultra Low Power Microcontroller 4x8 LCD Driver
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6520 Datasheet(HTML) 50 Page - EM Microelectronic - MARIN SA

Back Button EM6520 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 54Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 55 page
background image
EM6520
© EM Microelectonic-Marin SA , 12/98 Rev. A/246
EM Microelectronic-Marin SA CH-2074 Marin, Switzerland, Tel. +41 32 755 51 11, Fax. +41 32 755 54 03
50
A COMPANY OF
18.5 SVLD and Input Comparator
Conditions: Standard operating conditions (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.
Max.
Unit
SVLD voltage Level
0 ... 60°C
VSVLD
0.92 VSVLDNom VSVLDNOM 1.08 VSVLDNom
V
Input Comparator
VINMax=VDD+0.2V
VDD= VSVLDNom
0 ... 60°C
VSVLD
0.92 VSVLDNom VSVLDNOM 1.08 VSVLDNom
V
Input Comparator
voltage dependency
versus VDD
dVSVLD/dVDD
-35
mV/V
Note 4:
VSVLDNom is coming from the SVLD option Mask definition sheet ,default 2.4 V (chapter 16.1.4).
18.6 Oscillator
Conditions: T=25
°C (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.
Max.
Unit
Temperature stability
+15 ... +35 °C
df/f x dT
0,3
ppm /°C
Input capacitor
Ref VSS
Cin
5,6
7
8,4
pF
Output capacitor
Ref VSS
Cout
12,1
14
15,9
pF
Transconductance
50mVpp,VDDmin
Gm
2.5
15.0
uA/V
Oscillator start voltage
Tstart < 10 s
Ustart
VDDmin
V
Oscillator start time
VDD > VDDMin
tdosc
0.5
3
s
System start time
(oscillator + cold start +
reset)
tdsys
1.5
4
s
Oscillation detector
frequency
VDD > VDDmin
tDetFreq
12
kHz


Similar Part No. - EM6520

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6520 EMMICRO-EM6520 Datasheet
274Kb / 28P
   Mask Rom
More results

Similar Description - EM6520

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6522 EMMICRO-EM6522 Datasheet
1Mb / 68P
   MFP version of EM6622 Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6517 EMMICRO-EM6517 Datasheet
728Kb / 64P
   MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
EM6621 EMMICRO-EM6621 Datasheet
746Kb / 69P
   Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6625 EMMICRO-EM6625 Datasheet
988Kb / 69P
   Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6626 EMMICRO-EM6626 Datasheet
1Mb / 69P
   Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6622 EMMICRO-EM6622 Datasheet
892Kb / 70P
   Ultra Low Power Microcontroller with 4x32 LCD Driver
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
CM2915 CERAMATE-CM2915 Datasheet
364Kb / 19P
   LCD Driver (19x4) with Key Scan (4x8)
logo
Maxim Integrated Produc...
MAXQ2000 MAXIM-MAXQ2000 Datasheet
1Mb / 39P
   Low-Power LCD Microcontroller
Rev 2; 12/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com