Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA365 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA365
Description  2.2V, 50MHz, Low-Noise, Single-Supply Rail-to-Rail OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA365 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA365 Datasheet HTML 6Page - Burr-Brown (TI) OPA365 Datasheet HTML 7Page - Burr-Brown (TI) OPA365 Datasheet HTML 8Page - Burr-Brown (TI) OPA365 Datasheet HTML 9Page - Burr-Brown (TI) OPA365 Datasheet HTML 10Page - Burr-Brown (TI) OPA365 Datasheet HTML 11Page - Burr-Brown (TI) OPA365 Datasheet HTML 12Page - Burr-Brown (TI) OPA365 Datasheet HTML 13Page - Burr-Brown (TI) OPA365 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OPA365
OPA2365
SBOS365A − JUNE 2006 − REVISED JULY 2006
www.ti.com
10
ACHIEVING AN OUTPUT LEVEL OF
ZERO VOLTS (0V)
Certain single-supply applications require the op amp
output to swing from 0V to a positive full-scale voltage
and have high accuracy. An example is an op amp
employed to drive a single-supply ADC having an input
range from 0V to +5V. Rail-to-rail output amplifiers with
very light output loading may achieve an output level
within millivolts of 0V (or +VS at the high end), but not
0V. Furthermore, the deviation from 0V only becomes
greater as the load current required increases. This in-
creased deviation is a result of limitations of the CMOS
output stage.
When a pull-down resistor is connected from the ampli-
fier output to a negative voltage source, the OPA365
can achieve an output level of 0V, and even a few milli-
volts below 0V. Below this limit, nonlinearity and limiting
conditions become evident. Figure 7 illustrates a circuit
using this technique.
A pull-down current of approximately 500
µA is required
when OPA365 is connected as a unity-gain buffer.
A practical termination voltage (VNEG) is −5V, but
other convenient negative voltages also may be
used. The pull-down resistor RL is calculated from
RL = [(VO −VNEG)/(500µA)]. Using a minimum output
voltage (VO) of 0V, RL = [0V−(−5V)]/(500µA)] = 10kΩ.
Keep in mind that lower termination voltages result in
smaller pull-down resistors that load the output during
positive output voltage excursions.
Note that this technique does not work with all op amps
and should only be applied to op amps such as the
OPA365 that have been specifically designed to oper-
ate in this manner. Also, operating the OPA365 output
at 0V changes the output stage operating conditions,
resulting in somewhat lower open-loop gain and band-
width. Keep these precautions in mind when driving a
capacitive load because these conditions can affect cir-
cuit transient response and stability.
ACTIVE FILTERING
The OPA365 is well-suited for active filter applications
requiring a wide bandwidth, fast slew rate, low-noise,
single-supply operational amplifier. Figure 8 shows a
500kHz, 2nd-order, low-pass filter utilizing the multiple−
feedback (MFB) topology. The components have been
selected to provide a maximally-flat Butterworth
response. Beyond the cutoff frequency, roll-off is
−40dB/dec. The Butterworth response is ideal for ap-
plications requiring predictable gain characteristics
such as the anti-aliasing filter used ahead of an ADC.
V
OUT
RP =10kΩ
500
µA
OPA365
V
IN
V+ = +5V
Op Amps
Negative
Supply
Grounded
−V= −5V
(Additional
Negative Supply)
Figure 7. Swing-to-Ground
C
1
1nF
C
2
150pF
R
3
549
R
1
549
R
2
1.24k
V+
V
OUT
V
IN
V
OPA365
Figure 8. Second-Order Butterworth 500kHz
Low-Pass Filter


Similar Part No. - OPA365

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA365 TI1-OPA365 Datasheet
692Kb / 24P
[Old version datasheet]   50MHz, Low-Distortion, High CMRR, RRI/O, Single-Supply OPERATIONAL AMPLIFIER
JUNE 2009
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI1-OPA365-Q1 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
More results

Similar Description - OPA365

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA344UAG4 TI-OPA344UAG4 Datasheet
1Mb / 28P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY,RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com