Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NX29F010 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. NX29F010
Description  1M-BIT (128K x 8-bit) CMOS, 5.0V Only ULTRA-FAST SECTORED FLASH MEMORY
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

NX29F010 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  NX29F010 Datasheet HTML 1Page - List of Unclassifed Manufacturers NX29F010 Datasheet HTML 2Page - List of Unclassifed Manufacturers NX29F010 Datasheet HTML 3Page - List of Unclassifed Manufacturers NX29F010 Datasheet HTML 4Page - List of Unclassifed Manufacturers NX29F010 Datasheet HTML 5Page - List of Unclassifed Manufacturers NX29F010 Datasheet HTML 6Page - List of Unclassifed Manufacturers NX29F010 Datasheet HTML 7Page - List of Unclassifed Manufacturers NX29F010 Datasheet HTML 8Page - List of Unclassifed Manufacturers NX29F010 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
NX29F010
NexFlash Technologies, Inc.
3
NXPF001F-0600
06/22/00 ©
Table 1. Pin Descriptions
A0-A16
Address Inputs
DQ0-DQ7
Data Inputs/Outputs
CE
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
Vcc
Power Supply Voltage
GND
Ground
NC
No Internal Connection
A14
A13
A8
A9
A11
OE
A10
CE
DQ7
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
INDEX
4321
32
31
30
14
15
16
17
18
19
20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
A14
NC
WE
VCC
NC
A16
A15
A12
A7
A6
A5
A4
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
GND
DQ2
DQ1
DQ0
A0
A1
A2
A3
Figure 3. NX29F010 32-pin PLCC
Figure 4. NX29F010 32-pin TSOP
Figure 2. NX29F010 32-pin Plastic DIP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VCC
WE
NC
A14
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
PIN CONFIGURATIONS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn