Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI8F32512C15MMC Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # EDI8F32512C15MMC
Description  512Kx32 Static RAM CMOS, High Speed Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI8F32512C15MMC Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  EDI8F32512C15MMC Datasheet HTML 1Page - White Electronic Designs Corporation EDI8F32512C15MMC Datasheet HTML 2Page - White Electronic Designs Corporation EDI8F32512C15MMC Datasheet HTML 3Page - White Electronic Designs Corporation EDI8F32512C15MMC Datasheet HTML 4Page - White Electronic Designs Corporation EDI8F32512C15MMC Datasheet HTML 5Page - White Electronic Designs Corporation EDI8F32512C15MMC Datasheet HTML 6Page - White Electronic Designs Corporation EDI8F32512C15MMC Datasheet HTML 7Page - White Electronic Designs Corporation EDI8F32512C15MMC Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
EDI8F32512C
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
March 2006
Rev. 9
AC CHARACTERISTICS READ CYCLE
READ CYCLE 2 - W# HIGH
READ CYCLE 1 - W# HIGH, G#, E# LOW
Notes: 1. Parameter guaranteed, but not tested.
FIG. 3
FIG. 2
Parameter
Symbol
15ns
20ns
25ns
Units
JEDEC
Alt.
Min
Max
Min
Max
Min
Max
Read Cycle Time
tAVAV
TRA
15
20
25
ns
Address Access Time
tAVQV
TAA
15
20
25
ns
Chip Enable Access
tELQV
TACS
15
20
25
ns
Chip Enable to Output in Low Z (1)
tELQX
TCLZ
3
3
3
ns
Chip Disable to Output in High Z (1)
tEHQZ
TCHZ
6
10
12
ns
Output Hold from Address Change
tAVQX
TOH
3
3
3
ns
Output Enable to Output Valid
tGLQV
TOE
6
8
10
ns
Output Enable to Output in Low Z (1)
tGLQX
TOLZ
0
0
0
ns
Output Disable to Output in High (1)
tGHQZ
TOHZ
620
8
10
ns
E#
A
tAVAV
tELWH
tAVWH
tWLWH
tAVWL
tWHAX
W#
HIGH Z
DATA VALID
tWLQZ
tWHQX
tDVWH
tWHDX
Q
D
8F32512C Write Cyc1
tGHQZ
tELQV
tELQX
E#
G#
Q
tEHQZ
A
tAVAV
tGLQV
tGLQX
tAVQV
8F32512C Rd Cyc2


Similar Part No. - EDI8F32512C15MMC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8F32512V WEDC-EDI8F32512V Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512V15MMC WEDC-EDI8F32512V15MMC Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512V15MZC WEDC-EDI8F32512V15MZC Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512V20MMC WEDC-EDI8F32512V20MMC Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512V20MZC WEDC-EDI8F32512V20MZC Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
More results

Similar Description - EDI8F32512C15MMC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8F32512V WEDC-EDI8F32512V Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8L32512C WEDC-EDI8L32512C Datasheet
109Kb / 8P
   512Kx32 CMOS High Speed Static RAM
EDI8F321024C WEDC-EDI8F321024C Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F32259V WEDC-EDI8F32259V Datasheet
384Kb / 7P
   256Kx32 Static RAM CMOS, High Speed Module
EDI8F32259C WEDC-EDI8F32259C Datasheet
260Kb / 8P
   256Kx32 STATIC RAM CMOS, HIGH SPEED MODULE
EDI8F32128C WEDC-EDI8F32128C Datasheet
237Kb / 9P
   128KX32 STATIC RAM CMOS, HIGH SPEED MODULE
logo
Austin Semiconductor
AS8S512K32PEC AUSTIN-AS8S512K32PEC Datasheet
197Kb / 7P
   16Mb, 512Kx32 CMOS 5.0V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
AS8SLC512K32PEC AUSTIN-AS8SLC512K32PEC Datasheet
186Kb / 7P
   16Mb, 512Kx32 CMOS 3.3V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
logo
White Electronic Design...
EDI9F37512C55MMC WEDC-EDI9F37512C55MMC Datasheet
539Kb / 5P
   512K x 37 Static RAM CMOS , High Speed Module
EDI8L32128C WEDC-EDI8L32128C Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com