Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6152A50 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # 6152A50
Description  5V Automotive Regulator with Windowed Watchdog
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

6152A50 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  6152A50 Datasheet HTML 1Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 2Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 3Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 4Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 5Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 6Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 7Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 8Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
R
EM6152A
Copyright © 2006, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
06/06, rev. B, Prelim.
5V Automotive Regulator with Windowed Watchdog
Description
The EM6152A offers a high level of integration by combining
voltage
regulation,
voltage
monitoring
and
software
monitoring using a windowed watchdog.
A comparator monitors the voltage applied at the VIN input
comparing it with an internal voltage reference VREF. The
power-on reset function is initialized after VIN reaches VREF
and takes the reset output inactive after a delay TPOR
depending on external resistance ROSC. The reset output goes
active low when the VIN voltage is less than VREF. The RES
and EN outputs are guaranteed to be in a correct state for a
regulated output voltage as low as 1.2 V. The watchdog
function monitors software cycle time and execution.
If software clears the watchdog too quickly (incorrect cycle
time) or too slowly (incorrect execution) it will cause the
system to be reset. For enhanced security, the watchdog
must be serviced within an “open” time window. During the
remaining time, the watchdog time window is “closed” and a
reset will occur should a TCL pulse be received by the
watchdog during this “closed” time window. The ratio of the
open/closed window is either 33%/67% or 67%/33%.
The system ENABLE output prevents critical control functions
being activated until software has successfully cleared the
watchdog three times. Such a security could be used to
prevent motor controls being energized on repeated resets of
a faulty system.
When the microcontroller goes in stand-by mode or stops
working, no signal is received on the TCL input of the
EM6152A (version 55) and it goes into a stand-by mode in
order to save power (CAN-bus sleep detector).
In EM6152A, the voltage regulator has a low dropout voltage
and a low quiescent current of 90
μA. The quiescent current
increases only slightly in dropout prolonging battery life. Built-
in protection includes a positive transient absorber for up to
45 V (load dump) and the ability to survive an unregulated
input voltage of -42 V (reverse battery). The input may be
connected to ground or to a reverse voltage without reverse
current flowing from the output to the input.
Features
Low quiescent current 90
μA
-40°C to +125°C temperature range
Highly accurate 5 V, 150 mA guaranteed output (actual
maximum current depends on power dissipation)
Low dropout voltage, typically 250 mV at 100 mA
Unregulated DC input can withstand -42 V reverse battery
and +45 V power transients
Fully operational for unregulated DC input voltage up to
40 V and regulated output voltage down to 3.5 V
No reverse output current
Very low temperature coefficient for the regulated output
Current limiting
Windowed watchdog with an adjustable time windows,
guaranteeing a minimum time and a maximum time
between software clearing of the watchdog
Time base accuracy
±8% (at 100ms)
Sleep mode function (V55)
Adjustable threshold voltage using external resistors
Adjustable power on reset (POR) delay using one
external resistor
Open-drain active-low RESET output
Reset output guaranteed for regulated output voltage
down to 1.2 V
System ENABLE output offers added security
Qualified according to AEC-Q100
Pin out compatible with EM6152
Green SO-8 and Exposed Pad SO-16 packages (RoHS
compliant)
Applications
Automotive systems
Industrial
Home security systems
Telecom / Networking
Computers
Set top boxes
Typical Operating Configuration
Fig. 1
Selection Table
Part Number
VREF
Closed
Window
Open
Window
CAN-bus sleep
detector
EM6152A30
1.17 V
67%
33%
NO
EM6152A50
1.52 V
67%
33%
NO
EM6152A53
1.52 V
33%
67%
NO
EM6152A55
1.275 V
67%
33%
YES
Please refer to Fig. 4 for more information about the
open/closed window of the watchdog.
EM MICROELECTRONIC - MARIN SA
5V
+
VSS
GND
Unregulated
Voltage
INPUT
OUTPUT
EM6152A
RES
EN
TCL
VIN
VDD
I/O
RES
I/O
ROSC
10uF
100nF
22uF
ROSC
R1
R2
+


Similar Part No. - 6152A50

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
6152 HONEYWELL-6152 Datasheet
177Kb / 2P
   ALPHA AND FIXED-LANGUAGE SECURITY KEYPADS
logo
Anaren Microwave
61525 ANAREN-61525 Datasheet
876Kb / 4P
   Attenuators PIN Diode
61526 ANAREN-61526 Datasheet
1Mb / 4P
   Attenuators PIN Diode
61527 ANAREN-61527 Datasheet
1Mb / 4P
   Attenuators PIN Diode
61528 ANAREN-61528 Datasheet
868Kb / 4P
   Attenuators PIN Diode
More results

Similar Description - 6152A50

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6152 EMMICRO-EM6152 Datasheet
531Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6153 EMMICRO-EM6153 Datasheet
480Kb / 11P
   5V Automotive Regulator with Inhibit Input and Windowed Watchdog
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
Monolithic Power System...
MP6411 MPS-MP6411 Datasheet
307Kb / 14P
   Windowed Watchdog Timer
logo
Toshiba Semiconductor
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8007F TOSHIBA-TA8007F Datasheet
219Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8045BF TOSHIBA-TA8045BF Datasheet
262Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA7900F TOSHIBA-TA7900F Datasheet
265Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8000F TOSHIBA-TA8000F Datasheet
268Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8006ASN TOSHIBA-TA8006ASN Datasheet
307Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com