Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6152A30 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # 6152A30
Description  5V Automotive Regulator with Windowed Watchdog
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

6152A30 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

Back Button 6152A30 Datasheet HTML 4Page - EM Microelectronic - MARIN SA 6152A30 Datasheet HTML 5Page - EM Microelectronic - MARIN SA 6152A30 Datasheet HTML 6Page - EM Microelectronic - MARIN SA 6152A30 Datasheet HTML 7Page - EM Microelectronic - MARIN SA 6152A30 Datasheet HTML 8Page - EM Microelectronic - MARIN SA 6152A30 Datasheet HTML 9Page - EM Microelectronic - MARIN SA 6152A30 Datasheet HTML 10Page - EM Microelectronic - MARIN SA 6152A30 Datasheet HTML 11Page - EM Microelectronic - MARIN SA 6152A30 Datasheet HTML 12Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
R
EM6152A
Copyright © 2006, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com
06/06, rev. B, Prelim.
Timer Clearing and RES Action
The watchdog circuit monitors the activity of the processor.
If the user’s software does not send a pulse to the TCL
input within the programmed open window timeout period a
short watchdog RES pulse is generated which is equal to
TWDR (see Fig. 6).
With the open window constraint, new security is added to
conventional watchdogs by monitoring both software cycle
time and execution. Should software clear the watchdog too
quickly (incorrect cycle time) or too slowly (incorrect
execution) it will cause the system to be reset. If software is
stuck in a loop which includes the routine to clear the
watchdog then a conventional watchdog would not make a
system reset even though the software is malfunctioning;
the circuit would make a system reset because the
watchdog would be cleared too quickly.
If no TCL signal is applied before the closed and open
windows expire, RES will start to generate square waves of
period TWDRP = TCW + TOW + TWDR. The watchdog will remain
in this state until the next TCL falling edge appears during
an open window, or until a fresh power-up sequence. The
system enable output, EN , can be used to prevent critical
control functions being activated in the event of the system
going into this failure mode (see section “Enable- EN
Output”).
The RES output must be pulled up to VOUTPUT even if the
output is not used by the system (see Fig 8).
Combined Voltage and Timer Action
The combination of voltage and timer actions is illustrated
by the sequence of events shown in Fig. 6. On power-up,
when the voltage at VIN reaches VREF, the power-on-reset,
POR, delay is initialized and holds RES active for the time
of the POR delay. A TCL pulse will have no effect until this
power-on-reset delay is completed. When the risk exists that
TCL
temporarily floats, e.g. during TPOR, a pull-up to
VOUTPUT is required on that pin. After the POR delay has
elapsed, RES goes inactive and the watchdog timer starts
acting. If no TCL pulse occurs, RES goes active low for a
short time TWDR after each closed and open window period.
A TCL pulse coming during the open window clears the
watchdog timer. When the TCL pulse occurs too early
(during the closed window), RES goes active and a new
timeout sequence starts. A voltage drop below the VREF
level for longer than typically 3
μs overrides the timer and
immediately forces RES active and EN inactive. Any
further TCL pulse has no effect until the next power-up
sequence has completed.
Enable -
EN Output
The system enable output, EN , is inactive always when
RES
is active and remains inactive after a RES pulse until
the watchdog is serviced correctly 3 consecutive times (i.e.
the TCL pulse must come in the open window). After three
consecutive services of the watchdog with TCL during the
open window, the EN goes active low.
A malfunctioning system would be repeatedly reset by the
watchdog. In a conventional system critical motor controls
could be energized each time reset goes inactive (time
allowed for the system to restart) and in this way the
electrical motors driven by the system could function out of
control. The circuit prevents the above failure mode by using
the EN output to disable the motor controls until software
has successfully cleared the watchdog three times (i.e. the
system has correctly re-started after a reset condition).
Typical Application
Fig. 8
The important parameters of the 10
μF input capacitor are an effective series resistance lower than 4 Ω and a resonant
frequency above 500 kHz.
Regulated Voltage (5V)
GND
Unregulated
Voltage
RES
Microprocessor
Motor
controls
EN
Address decoder
R1
R2
10uF
100nF
100k
Ω
22uF
+
+
VSS
INPUT
OUTPUT
ROSC
EM6152A
RES
EN
TCL
VIN


Similar Part No. - 6152A30

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
6152 HONEYWELL-6152 Datasheet
177Kb / 2P
   ALPHA AND FIXED-LANGUAGE SECURITY KEYPADS
logo
Anaren Microwave
61525 ANAREN-61525 Datasheet
876Kb / 4P
   Attenuators PIN Diode
61526 ANAREN-61526 Datasheet
1Mb / 4P
   Attenuators PIN Diode
61527 ANAREN-61527 Datasheet
1Mb / 4P
   Attenuators PIN Diode
61528 ANAREN-61528 Datasheet
868Kb / 4P
   Attenuators PIN Diode
More results

Similar Description - 6152A30

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6152 EMMICRO-EM6152 Datasheet
531Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6153 EMMICRO-EM6153 Datasheet
480Kb / 11P
   5V Automotive Regulator with Inhibit Input and Windowed Watchdog
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
Monolithic Power System...
MP6411 MPS-MP6411 Datasheet
307Kb / 14P
   Windowed Watchdog Timer
logo
Toshiba Semiconductor
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8007F TOSHIBA-TA8007F Datasheet
219Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8045BF TOSHIBA-TA8045BF Datasheet
262Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA7900F TOSHIBA-TA7900F Datasheet
265Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8000F TOSHIBA-TA8000F Datasheet
268Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8006ASN TOSHIBA-TA8006ASN Datasheet
307Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com