Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74F756 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 74F756
Description  Octal inverter buffer open-collector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F756 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74F756 Datasheet HTML 2Page - NXP Semiconductors 74F756 Datasheet HTML 3Page - NXP Semiconductors 74F756 Datasheet HTML 4Page - NXP Semiconductors 74F756 Datasheet HTML 5Page - NXP Semiconductors 74F756 Datasheet HTML 6Page - NXP Semiconductors 74F756 Datasheet HTML 7Page - NXP Semiconductors 74F756 Datasheet HTML 8Page - NXP Semiconductors 74F756 Datasheet HTML 9Page - NXP Semiconductors 74F756 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74F756/74F757/74F760
Buffers
1989 Nov 27
6
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
128
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
MIN
NOM
MAX
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
VOH
High-level output voltage
4.5
V
IOL
Low-level output current
64
mA
Tamb
Operating free-air temperature range
0
70
°C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST
LIMITS
UNIT
CONDITIONS1
MIN
TYP2
MAX
IOH
High-level output current
VCC = MIN, VIL = MAX,
VIH = MIN, VOH = MAX
250
µA
VOL
Low-level output voltage
VCC = MIN,
V
MAX
IOL = 48MAX
±10%VCC
0.38
0.55
V
VIL = MAX,
VIH = MIN,
IOL= 64mA
±5%VCC
0.42
0.55
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
VCC = MAX, VI = 0.5V
–1.0
mA
74F756
ICCH
20
30
mA
74F756
ICCL
50
70
mA
ICC
Supply current (total)
74F757
ICCH
VCC = MAX
30
40
mA
ICC
Supply current (total)
74F757
ICCL
VCC = MAX
55
80
mA
74F760
ICCH
25
37
mA
74F760
ICCL
55
80
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74F540 Octal inverter buffer 3- State 1  2  3  4  5  More NXP Semiconductors
SN64BCT757 OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS 1  2  3  4  5  Texas Instruments
74ALS240A Octal inverter buffer 3-State 1  2  3  4  5  More NXP Semiconductors
SN74BCT756 OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS 1  2  3  4  5  Texas Instruments
74F1240 Octal inverter buffer 3-State 1  2  3  4  5  More NXP Semiconductors
SN74BCT757 OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS 1  2  3  4  5  Texas Instruments
74F2240 Octal inverter buffer with 30ohm equivalent output termination 3-State 1  2  3  4  5  More NXP Semiconductors
74F240 Octal inverter buffer 3-State 1  2  3  4  5  More NXP Semiconductors
TC74LCX540F LOW VOLTAGE OCTAL BUS BUFFER INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
MC74AC540 OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS 1  2  3  4  5  More Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn