Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI8F32512C15MMI-G Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # EDI8F32512C15MMI-G
Description  512Kx32 Static RAM CMOS, High Speed Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI8F32512C15MMI-G Datasheet(HTML) 6 Page - White Electronic Designs Corporation

  EDI8F32512C15MMI-G Datasheet HTML 1Page - White Electronic Designs Corporation EDI8F32512C15MMI-G Datasheet HTML 2Page - White Electronic Designs Corporation EDI8F32512C15MMI-G Datasheet HTML 3Page - White Electronic Designs Corporation EDI8F32512C15MMI-G Datasheet HTML 4Page - White Electronic Designs Corporation EDI8F32512C15MMI-G Datasheet HTML 5Page - White Electronic Designs Corporation EDI8F32512C15MMI-G Datasheet HTML 6Page - White Electronic Designs Corporation EDI8F32512C15MMI-G Datasheet HTML 7Page - White Electronic Designs Corporation EDI8F32512C15MMI-G Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
EDI8F32512C
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
March 2006
Rev. 9
PACKAGE DESCRPTION
PACKAGE NO. 173: 72 PIN ZIP
ORDERING INFORMATION
Part Number
Speed
(ns)
Package
No.
EDI8F32512C15MMC
15
174
EDI8F32512C20MMC
20
174
EDI8F32512C25MMC
25
174
Part Number
Speed
(ns)
Package
No.
EDI8F32512C15MZC
15
173
EDI8F32512C20MZC
20
173
EDI8F32512C25MZC
25
173
NOTES:
• Consult Factory for availability of RoHS compliant products. (indicated with "G" at the end of the part number)
• Vendor specific part numbers are used to provide memory components source control. The place holder for this is shown as lower case “x” in the part numbers above and is to
be replaced with the respective vendors code. Consult factory for qualified sourcing options. (M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option
• To order gold SIMM option, change from "EDI8F" to "EDI8G".
.032
.032
.022
.060
.018
3.865 MAX.
0.600
.100 TYP.
.050 TYP.
.100
TYP.
.273
MAX.
MAX.
MAX.
NOT RECOMMENDED
FOR NEW
DESIGNS
PACKAGE NO. 174: 72 LEAD SIMM
4.255 MAX.
3.984
1.992
.125 DIA. TYP.
(2 PLCS.)
.213
MAX.
.125
MIN.
.625 MAX.
.400
.250
R.062
3.730
2.045
.050 TYP.
R.062
.250
P1
ALL DIMENSIONS ARE IN INCHES


Similar Part No. - EDI8F32512C15MMI-G

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8F32512V WEDC-EDI8F32512V Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512V15MMC WEDC-EDI8F32512V15MMC Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512V15MZC WEDC-EDI8F32512V15MZC Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512V20MMC WEDC-EDI8F32512V20MMC Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512V20MZC WEDC-EDI8F32512V20MZC Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
More results

Similar Description - EDI8F32512C15MMI-G

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8F32512V WEDC-EDI8F32512V Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8L32512C WEDC-EDI8L32512C Datasheet
109Kb / 8P
   512Kx32 CMOS High Speed Static RAM
EDI8F321024C WEDC-EDI8F321024C Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F32259V WEDC-EDI8F32259V Datasheet
384Kb / 7P
   256Kx32 Static RAM CMOS, High Speed Module
EDI8F32259C WEDC-EDI8F32259C Datasheet
260Kb / 8P
   256Kx32 STATIC RAM CMOS, HIGH SPEED MODULE
EDI8F32128C WEDC-EDI8F32128C Datasheet
237Kb / 9P
   128KX32 STATIC RAM CMOS, HIGH SPEED MODULE
logo
Austin Semiconductor
AS8S512K32PEC AUSTIN-AS8S512K32PEC Datasheet
197Kb / 7P
   16Mb, 512Kx32 CMOS 5.0V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
AS8SLC512K32PEC AUSTIN-AS8SLC512K32PEC Datasheet
186Kb / 7P
   16Mb, 512Kx32 CMOS 3.3V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
logo
White Electronic Design...
EDI9F37512C55MMC WEDC-EDI9F37512C55MMC Datasheet
539Kb / 5P
   512K x 37 Static RAM CMOS , High Speed Module
EDI8L32128C WEDC-EDI8L32128C Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com