Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6152V55 Datasheet(PDF) 11 Page - EM Microelectronic - MARIN SA

Part # EM6152V55
Description  5V Automotive Regulator with Windowed Watchdog
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6152V55 Datasheet(HTML) 11 Page - EM Microelectronic - MARIN SA

Back Button EM6152V55 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6152V55 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6152V55 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6152V55 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6152V55 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6152V55 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6152V55 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6152V55 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6152V55 Datasheet HTML 12Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
R
EM6152
Copyright © 2006, EM Microelectronic-Marin SA
11
www.emmicroelectronic.com
rev. B / 06.06
Typical maximum OUTPUT current versus INPUT voltage
Fig. 13
0
50
100
150
200
250
300
350
400
450
5
10
15202530
35
40
INPUT Voltage [V]
PSOP2-16 Package
Botton slug soldered to PCB
TA=25°C
TA=85°C


Similar Part No. - EM6152V55

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6152A EMMICRO-EM6152A Datasheet
722Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6152A050 EMMICRO-EM6152A050 Datasheet
722Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6152A053 EMMICRO-EM6152A053 Datasheet
722Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6152A30 EMMICRO-EM6152A30 Datasheet
722Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6152A30SO8A EMMICRO-EM6152A30SO8A Datasheet
722Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
More results

Similar Description - EM6152V55

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6152A EMMICRO-EM6152A Datasheet
722Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6153 EMMICRO-EM6153 Datasheet
480Kb / 11P
   5V Automotive Regulator with Inhibit Input and Windowed Watchdog
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
Monolithic Power System...
MP6411 MPS-MP6411 Datasheet
307Kb / 14P
   Windowed Watchdog Timer
logo
Toshiba Semiconductor
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8007F TOSHIBA-TA8007F Datasheet
219Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8045BF TOSHIBA-TA8045BF Datasheet
262Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA7900F TOSHIBA-TA7900F Datasheet
265Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8000F TOSHIBA-TA8000F Datasheet
268Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8006ASN TOSHIBA-TA8006ASN Datasheet
307Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com