Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI8F32259V20MZC Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # EDI8F32259V20MZC
Description  256Kx32 Static RAM CMOS, High Speed Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI8F32259V20MZC Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  EDI8F32259V20MZC Datasheet HTML 1Page - White Electronic Designs Corporation EDI8F32259V20MZC Datasheet HTML 2Page - White Electronic Designs Corporation EDI8F32259V20MZC Datasheet HTML 3Page - White Electronic Designs Corporation EDI8F32259V20MZC Datasheet HTML 4Page - White Electronic Designs Corporation EDI8F32259V20MZC Datasheet HTML 5Page - White Electronic Designs Corporation EDI8F32259V20MZC Datasheet HTML 6Page - White Electronic Designs Corporation EDI8F32259V20MZC Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI8F32259V
Oct 2002
Rev. 0A
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ABSOLUTE MAXIMUM RATINGS*
RECOMMENDED DC OPERATING CONDITIONS
DC ELECTRICAL CHARACTERISTICS
CAPACITANCE
(f=1.0MHz, VIN=VCC or VSS)
AC TEST CONDITIONS
Note: For tEHQZ,tGHQZ and tWLQZ, CL = 5pF)
Note: Typical: tA = 25°C, VCC = 5.0V
TRUTH TABLE
Note: These parameters are sampled, not 100% tested.
*Stress greater than those listed under "Absolute Maximum Ratings"
may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other
conditions greater than those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Voltage on any pin relative to VSS
-0.5V to 4.6V
Operating Temperature tA (Ambient)
Commercial
0°C to +70°C
Storage Temperature, Plastic
-55°C to +125°C
Power Dissipation
2.5 Watt
Output Current
20 mA
Input Pulse Levels
VSS to 3.0V
Input Rise and Fall Times
5ns
Input and Output Timing Levels
1.5V
Output Load
1tTL, CL = 30pF
Parameter
Sym
Min
Typ
Max
Units
Supply Voltage
VCC
3.0
3.3
3.6
V
Supply Voltage
VSS
0
0
0
V
Input High Voltage
VIH
2.2
--
VCC+0.3V
V
Input Low Voltage
VIL
-0.3
--
0.8
V
Parameter
Sym
Conditions
Min
Max
12-25
Units
ns
Operating Power Supply Current
ICC1
W#, E# = VIL, II/O = 0mA, Min Cycle
800
mA
Standby (tTL) Power Supply Current
ICC2
E# ≥ VIH, VIN ≤ VIL or VIN ≥VIH
240
mA
Full Standby Power Supply Current
CMOS
ICC3
E# ≥ VCC-0.2V
VIN ≥ VCC-0.2V or VIN ≤ 0.2V
40
mA
Input Leakage Current
ILI
VIN = 0V to VCC
±80
µA
Output Leakage Current
ILO
V I/O = 0V to VCC
±20
µA
Output High Voltage
VOH
IOH = -4.0mA
2.4
V
Output Low Voltage
VOL
IOL = 8.0mA
0.4
V
E# W# G#
Mode
Output
Power
H
X
X
Standby
HIGH Z
ICC3
L
H
L
Read
DOUT
ICC1
L
L
X
Write
DIN
ICC1
L
H
H
Output Deselect
HIGH Z
ICC1
Parameter
Sym
Max
Unit
Address Lines
CI
60
pF
Data Lines
CD/Q
20
pF
Chip Enable Line
CC
20
pF
Write Control Line
CN
60
pF


Similar Part No. - EDI8F32259V20MZC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8F32259C WEDC-EDI8F32259C Datasheet
260Kb / 8P
   256Kx32 STATIC RAM CMOS, HIGH SPEED MODULE
EDI8F32259C15MMC WEDC-EDI8F32259C15MMC Datasheet
260Kb / 8P
   256Kx32 STATIC RAM CMOS, HIGH SPEED MODULE
EDI8F32259C15MNC WEDC-EDI8F32259C15MNC Datasheet
260Kb / 8P
   256Kx32 STATIC RAM CMOS, HIGH SPEED MODULE
EDI8F32259C15MZC WEDC-EDI8F32259C15MZC Datasheet
260Kb / 8P
   256Kx32 STATIC RAM CMOS, HIGH SPEED MODULE
EDI8F32259C20MMC WEDC-EDI8F32259C20MMC Datasheet
260Kb / 8P
   256Kx32 STATIC RAM CMOS, HIGH SPEED MODULE
More results

Similar Description - EDI8F32259V20MZC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8F32259C WEDC-EDI8F32259C Datasheet
260Kb / 8P
   256Kx32 STATIC RAM CMOS, HIGH SPEED MODULE
logo
List of Unclassifed Man...
EDI8L32256C ETC1-EDI8L32256C Datasheet
63Kb / 5P
   256Kx32, 5V Static Ram
logo
White Electronic Design...
EDI8F321024C WEDC-EDI8F321024C Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F32512V WEDC-EDI8F32512V Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32128C WEDC-EDI8F32128C Datasheet
237Kb / 9P
   128KX32 STATIC RAM CMOS, HIGH SPEED MODULE
EDI8F32512C WEDC-EDI8F32512C Datasheet
103Kb / 8P
   512Kx32 Static RAM CMOS, High Speed Module
EDI9F37512C55MMC WEDC-EDI9F37512C55MMC Datasheet
539Kb / 5P
   512K x 37 Static RAM CMOS , High Speed Module
EDI8L32512C WEDC-EDI8L32512C Datasheet
109Kb / 8P
   512Kx32 CMOS High Speed Static RAM
EDI8L32128C WEDC-EDI8L32128C Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
EDI8L32128V WEDC-EDI8L32128V Datasheet
190Kb / 7P
   128Kx32 CMOS High Speed Static RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com