Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EDI8F32259V Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part No. EDI8F32259V
Description  256Kx32 Static RAM CMOS, High Speed Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI8F32259V Datasheet(HTML) 6 Page - White Electronic Designs Corporation

  EDI8F32259V Datasheet HTML 1Page - White Electronic Designs Corporation EDI8F32259V Datasheet HTML 2Page - White Electronic Designs Corporation EDI8F32259V Datasheet HTML 3Page - White Electronic Designs Corporation EDI8F32259V Datasheet HTML 4Page - White Electronic Designs Corporation EDI8F32259V Datasheet HTML 5Page - White Electronic Designs Corporation EDI8F32259V Datasheet HTML 6Page - White Electronic Designs Corporation EDI8F32259V Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI8F32259V
Oct 2002
Rev. 0A
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PACKAGE DESCRIPTION
PACKAGE NO. 175: 72 PIN ZIP
NOTE: 1. For Gold SIMM change form EDI8F to EDI8G.
ORDERING INFORMATION
����
����
����
����
��
����
����
����������
����
���������
���������
���������
����
����
����
����
Part Number
Speed
(ns)
Package
No.
EDI8F32259V12MNC
12
176
EDI8F32259V15MNC
15
176
EDI8F32259V20MNC
20
176
EDI8F32259V25MNC
25
176
EDI8F32259V12MMC
12
354
EDI8F32259V15MMC
15
354
EDI8F32259V20MMC
20
354
EDI8F32259V25MMC
25
354
EDI8F32259V12MZC
12
175
EDI8F32259V15MZC
15
175
EDI8F32259V20MZC
20
175
EDI8F32259V25MZC
25
175
NOT RECOMMENDED
FOR NEW
DESIGNS


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
EDI8F32259C 256Kx32 STATIC RAM CMOS HIGH SPEED MODULE 1  2  3  4  5  More White Electronic Designs Corporation
EDI8F32128C 128KX32 STATIC RAM CMOS HIGH SPEED MODULE 1  2  3  4  5  More White Electronic Designs Corporation
EDI8F32512C 512Kx32 Static RAM CMOS High Speed Module 1  2  3  4  5  More White Electronic Designs Corporation
EDI8F32512V 512Kx32 Static RAM CMOS High Speed Module 1  2  3  4  5  More White Electronic Designs Corporation
EDI9F37512C55MMC 512K x 37 Static RAM CMOS High Speed Module 1  2  3  4  5  White Electronic Designs Corporation
EDI8F321024C 1024Kx32 Static RAM CMOS High Speed Module 1  2  3  4  5  More White Electronic Designs Corporation
P4C147 ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
T14M1024A 128K X 8 HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Taiwan Memory Technology
CXK58512TM 65536-word X 8-bit High Speed CMOS Static RAM 1  2  3  4  5  More Sony Corporation
W2465A 8K X 8 High Speed CMOS Static RAM 1  2  3  4  5  More Winbond

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn