Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6905HS5-80 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6905HS5-80
Description  Fixed Frequency SOT-23 Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6905HS5-80 Datasheet(HTML) 6 Page - Linear Technology

  LTC6905HS5-80 Datasheet HTML 1Page - Linear Technology LTC6905HS5-80 Datasheet HTML 2Page - Linear Technology LTC6905HS5-80 Datasheet HTML 3Page - Linear Technology LTC6905HS5-80 Datasheet HTML 4Page - Linear Technology LTC6905HS5-80 Datasheet HTML 5Page - Linear Technology LTC6905HS5-80 Datasheet HTML 6Page - Linear Technology LTC6905HS5-80 Datasheet HTML 7Page - Linear Technology LTC6905HS5-80 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LTC6905-XXX Series
6
6905xf
APPLICATIO S I FOR ATIO
START-UP TIME
The start-up and settling time to within 1% of the final
frequency is typically 100µs.
MAXIMUM OUTPUT LOAD
The LTC6905 output (Pin 5) can drive a capacitive load
(CLOAD) of 5pF or more. Performance driving a CLOAD
greater than 5pF depends on the oscillator’s frequency
(fOSC) and output resistance (ROUT). The output rise time
or fall time due to ROUT and CLOAD is equal to 2.2 • ROUT
CLOAD(from 10% to 90% of the rise or fall transition). If the
total output rise time plus fall time is arbitrarily specified
to be equal to or less than 20% of the oscillator’s period (1/
fOSC), then the maximum output CLOAD in picofarads (pF)
should be equal to or less than [45454/(ROUT • fOSC)]
(ROUT in ohms and fOSC in MHz).
Example: An LTC6905-100 is operating with a 3V power
supply and is set for a fOSC = 50MHz.
ROUT with V+ = 3V is 27Ω (using the ROUT vs V+ graph in
the Typical Performance Characteristics).
The maximum output CLOAD should be equal to or less
than [45454/(27 • 50)] = 33.6pF.
The lowest resistive load Pin 5 can drive can be calculated
using the minimum high level output voltage in the Elec-
trical Characteristics. With a V+ equal to 5.5V and 4mA
output current, the minimum high level output voltage is
5.2V and the lowest resistive load Pin 5 can drive is 1.30k
(5.2V/4mA). With a V+ equal to 2.7V and 4mA output
current, the minimum high level output voltage is 2.4V and
the lowest resistive load Pin 5 can drive is 600Ω(2.4V/4mA).
FREQUENCY ACCURACY AND POWER SUPPLY NOISE
The frequency accuracy of the LTC6905 may be affected
when its power supply generates noise with frequency
contents equal to fMO/64 or its multiples. fMO is the
highest frequency for an LTC6905-XXX which is with
DIV = V+ (÷1). This is also the frequency indicated in the
part number (i.e., LTC6905-100, fMO = 100MHz). fMO/64
is the master oscillator control loop frequency. For ex-
ample, if the LTC6905-80 with a master oscillator fre-
quency of 80MHz is powered by a switching regulator,
then the oscillator frequency may show an additional
error if the switching frequency is 1.4MHz (80MHz/64).
The magnitude of this effect is heavily dependent on
supply bypass and routing.
JITTER AND POWER SUPPLY NOISE
If the LTC6905 is powered by a supply that has frequency
content equal to the output frequency then the output jitter
may increase. In addition, power supply ripple in excess of
20mV at any frequency may increase jitter.
Higher divide ratios will result in lower percentage jitter.
For example, jitter percentage of the LTC6905-80 operat-
ing at 20MHz is lower than for the same part operating at
80MHz. Please consult the Jitter vs Frequency graph
showing jitter at various divider ratios.
LTC6905 SUGGESTED CRITICAL COMPONENT
LAYOUT
In order to provide the specified performance, it is re-
quired that the supply bypass capacitor be placed as close
as possible to the LTC6905. The following additional rules
should be followed for best performance:
1) The bypass capacitor must be placed as close as
possible to the LTC6905, and no vias should be placed
between the capacitor and the LTC6905. The bypass
capacitor must be on the same side of the circuit board
as the LTC6905.
2) If a ground plane is used, the connection of the LTC6905
to the ground plane should be as close as possible to the
LTC6905 GND pin and should be composed of multiple,
high current capacity vias.
Figure 2. LTC6905 Suggested Critical Component Layout
LTC6905
6905x F02
C


Similar Part No. - LTC6905HS5-80

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6905HS5 LINER-LTC6905HS5 Datasheet
119Kb / 8P
   17MHz to 170MHz Resistor Set SOT-23 Oscillator
More results

Similar Description - LTC6905HS5-80

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CVCO33CX-2500-2500 CRYSTEKCRYSTAL-CVCO33CX-2500-2500 Datasheet
91Kb / 2P
   Fixed Frequency Oscillator
logo
Vanlong Technology Co.,...
PO321 VANLONG-PO321 Datasheet
37Kb / 1P
   Fixed Frequency Crystal Oscillator
PO300F VANLONG-PO300F_13 Datasheet
46Kb / 1P
   Fixed Frequency Crystal Oscillator
PO300F VANLONG-PO300F Datasheet
39Kb / 1P
   Fixed Frequency Crystal Oscillator
PO320 VANLONG-PO320 Datasheet
37Kb / 1P
   Fixed Frequency Crystal Oscillator
PO300H VANLONG-PO300H_13 Datasheet
45Kb / 1P
   Fixed Frequency Crystal Oscillator
PO300H VANLONG-PO300H Datasheet
38Kb / 1P
   Fixed Frequency Crystal Oscillator
PO320 VANLONG-PO320_13 Datasheet
46Kb / 1P
   Fixed Frequency Crystal oscillator
logo
Guilin Strong Micro-Ele...
GMC2412K GSME-GMC2412K Datasheet
275Kb / 3P
   SOT-23
MMBTH10 GSME-MMBTH10 Datasheet
294Kb / 3P
   SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com