Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI7F4331MC150BNC Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # EDI7F4331MC150BNC
Description  4x1Mx32 FLASH MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI7F4331MC150BNC Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  EDI7F4331MC150BNC Datasheet HTML 1Page - White Electronic Designs Corporation EDI7F4331MC150BNC Datasheet HTML 2Page - White Electronic Designs Corporation EDI7F4331MC150BNC Datasheet HTML 3Page - White Electronic Designs Corporation EDI7F4331MC150BNC Datasheet HTML 4Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EDI7F4331MC
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
Sept. 2002 Rev. 1A
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
The EDI7F4331MC is organized as four banks of 1Mx32.
The module is based on AMDs AM29F080 - 1Mx8 Flash
device in TSOP packages which are mounted on an FR4
substrate.
The module offers access times between 80 and 150ns
allowing for operation of high-speed microprocessors
without wait states.
*This product is subject to change without notice.
n
4x1Mx32
n
Based on AMD - AM29F080 Flash Device
n
Fast Read Access Time - 80ns
n
5V Only Reprogramming
n
Sector Erase Architecture
n
Uniform sectors of 64 Kbytes each
n
Any combination of sectors can be erased
n
Also supports full chip erase
n
Sector Protection
n
Hardware method that disables any
combination of sectors from write or erase
operations
n
Embedded Erase Algorithms
n
Automatically pre-programs and erases the
chip or any combination of sectors
n
Embedded Program Algorithms
n
Automatically programs and verifies data at
specified address
n
Data Polling and Toggle Bit feature for detection of
program or erase cycle completion
n
Low Power Dissipation
n
60mA per Device Active Current
n
10µA per Device CMOS Standby Current
n
Typical Endurance >100,000 Cycles
n
Single 5V ±10% Supply
n
CMOS and TTL Compatible Inputs and Outputs
n
Commercial and Industrial Temperature Range
n
Package
n
80 Pin SIMM (JEDEC)
4x1Mx32 FLASH MODULE
DESCRIPTION
FEATURES


Similar Part No. - EDI7F4331MC150BNC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI7F4331MV WEDC-EDI7F4331MV Datasheet
228Kb / 4P
   4x1Mx32 FLASH MODULE
EDI7F4331MV100BNC WEDC-EDI7F4331MV100BNC Datasheet
228Kb / 4P
   4x1Mx32 FLASH MODULE
EDI7F4331MV120BNC WEDC-EDI7F4331MV120BNC Datasheet
228Kb / 4P
   4x1Mx32 FLASH MODULE
EDI7F4331MV150BNC WEDC-EDI7F4331MV150BNC Datasheet
228Kb / 4P
   4x1Mx32 FLASH MODULE
EDI7F4331MV80BNC WEDC-EDI7F4331MV80BNC Datasheet
228Kb / 4P
   4x1Mx32 FLASH MODULE
More results

Similar Description - EDI7F4331MC150BNC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI7F4341MC WEDC-EDI7F4341MC Datasheet
441Kb / 3P
   4x1Mx32 FLASH MODULE
EDI7F4341MV WEDC-EDI7F4341MV Datasheet
310Kb / 3P
   4x1Mx32 FLASH MODULE
EDI7F4331MV WEDC-EDI7F4331MV Datasheet
228Kb / 4P
   4x1Mx32 FLASH MODULE
logo
Zilog, Inc.
EZ80F920020MOD ZILOG-EZ80F920020MOD Datasheet
252Kb / 4P
   Flash Module
logo
White Electronic Design...
EDI7F342MV WEDC-EDI7F342MV Datasheet
305Kb / 3P
   2Mx32 FLASH MODULE
logo
List of Unclassifed Man...
EDI7F33IMC ETC1-EDI7F33IMC Datasheet
40Kb / 3P
   1Megx32 Flash Module
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
logo
White Electronic Design...
EDI7F4342MC WEDC-EDI7F4342MC Datasheet
226Kb / 4P
   4x2Mx32 FLASH MODULE
WED7F324XE3SN WEDC-WED7F324XE3SN Datasheet
215Kb / 3P
   4Mx32 FLASH MODULE
EDI7F342MC WEDC-EDI7F342MC Datasheet
306Kb / 3P
   2Mx32 FLASH MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com