Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6905-XXX Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6905-XXX
Description  Fixed Frequency SOT-23 Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6905-XXX Datasheet(HTML) 8 Page - Linear Technology

  LTC6905-XXX Datasheet HTML 1Page - Linear Technology LTC6905-XXX Datasheet HTML 2Page - Linear Technology LTC6905-XXX Datasheet HTML 3Page - Linear Technology LTC6905-XXX Datasheet HTML 4Page - Linear Technology LTC6905-XXX Datasheet HTML 5Page - Linear Technology LTC6905-XXX Datasheet HTML 6Page - Linear Technology LTC6905-XXX Datasheet HTML 7Page - Linear Technology LTC6905-XXX Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LTC6905-XXX Series
8
6905xf
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2005
LT/TP 0205 1K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1799
1kHz to 33MHz ThinSOT Oscillator
Single Output, High Frequency Operation
LTC6900
1kHz to 20MHz ThinSOT Oscillator
Single Output Lower Power
LTC6902
Multiphase Oscillator with Spread Spectrum Modulation
2-, 3- or 4-Phase Outputs
LTC6903/LTC6904
1kHz to 68MHz Serial Port Programmable Oscillator
3-Wire or I2C
TM Programmable
LTC6905
17MHz to 170MHz Resistor Set ThinSOT Oscillator
Single Resistor Sets Frequency
LTC6906
Micropower, 10kHz to 1MHz Resistor Set ThinSOT Oscillator
Ultralow Power, Resistor Sets Frequency
TYPICAL APPLICATIO S
Driving a 50Ω Cable with the LTC6905
V+
1
2
3
5
950Ω
50Ω
50Ω
CABLE
3V
3V
0.1µF
6905x TA02
4
GND
LTC6905-XXX
OE
OUT
DIV
VOUT
20
Driving the DIV Pin Without Three-State Buffers
V+
1
2
A
B
3
5
3V
3V
3V
0.1µF
6905x TA04
4
10k
10k
GND
LTC6905-XXX
OE
OUT
DIV
A
0
0
1
1
B
0
1
0
1
DIV
÷ 1
÷ 2
÷ 2
÷ 4


Similar Part No. - LTC6905-XXX

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6905 LINER-LTC6905 Datasheet
119Kb / 8P
   17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6905 LINER-LTC6905 Datasheet
176Kb / 12P
   17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6905CS5 LINER-LTC6905CS5 Datasheet
119Kb / 8P
   17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6905HS5 LINER-LTC6905HS5 Datasheet
119Kb / 8P
   17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6905IS5 LINER-LTC6905IS5 Datasheet
119Kb / 8P
   17MHz to 170MHz Resistor Set SOT-23 Oscillator
More results

Similar Description - LTC6905-XXX

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CVCO33CX-2500-2500 CRYSTEKCRYSTAL-CVCO33CX-2500-2500 Datasheet
91Kb / 2P
   Fixed Frequency Oscillator
logo
Vanlong Technology Co.,...
PO321 VANLONG-PO321 Datasheet
37Kb / 1P
   Fixed Frequency Crystal Oscillator
PO300F VANLONG-PO300F_13 Datasheet
46Kb / 1P
   Fixed Frequency Crystal Oscillator
PO300F VANLONG-PO300F Datasheet
39Kb / 1P
   Fixed Frequency Crystal Oscillator
PO320 VANLONG-PO320 Datasheet
37Kb / 1P
   Fixed Frequency Crystal Oscillator
PO300H VANLONG-PO300H_13 Datasheet
45Kb / 1P
   Fixed Frequency Crystal Oscillator
PO300H VANLONG-PO300H Datasheet
38Kb / 1P
   Fixed Frequency Crystal Oscillator
PO320 VANLONG-PO320_13 Datasheet
46Kb / 1P
   Fixed Frequency Crystal oscillator
logo
Guilin Strong Micro-Ele...
GMC2412K GSME-GMC2412K Datasheet
275Kb / 3P
   SOT-23
MMBTH10 GSME-MMBTH10 Datasheet
294Kb / 3P
   SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com