Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI7F2341MC120BNC Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # EDI7F2341MC120BNC
Description  1Mx32 FLASH MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI7F2341MC120BNC Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  EDI7F2341MC120BNC Datasheet HTML 1Page - White Electronic Designs Corporation EDI7F2341MC120BNC Datasheet HTML 2Page - White Electronic Designs Corporation EDI7F2341MC120BNC Datasheet HTML 3Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI7F341MC
Sept. 2002
Rev. 2A
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
CAPACITANCE
(f=1.0MHz, VIN = VCC or VSS)
1Meg
2x1Meg
Parameter
Sym
Max
Max
Unit
Address Lines
CA
35
70
pF
Data Lines
CDQ
15
30
pF
Chip & Write
Enable Lines
CC
15
30
pF
Output Enable Lines
CG
35
70
pF
PIN CONFIGURATIONS
Pin Symbol Pin Symbol
Pin Symbol Pin
Symbol
1
VSS
21
*
41
A11
61
DQ9
2
VCC
22
*
42
A10
62
DQ8
3
VPP
23
*
43
A9
63
DQ7
4
G#
24
*
44
A8
64
DQ6
5
W0#
25
VSS
45
A7
65
DQ5
6
W1#
26
DQ29
46
A6
66
DQ4
7
NC
27
DQ30
47
A5
67
DQ3
8
DQ16
28
DQ31
48
A4
68
DQ2
9
DQ17
29
W2#
49
A3
69
DQ1
10
DQ18
30
NC
50
A2
70
DQ0
11
DQ19
31
NC
51
A1
71
VPP
12
DQ20
32
NC
52
A0
72
VCC
13
DQ21
33
A19
53
W3#
73
PD1
14
DQ22
34
A18
54
VSS
74
PD2
15
DQ23
35
A17
55
DQ15
75
PD3
16
DQ24
36
A16
56
DQ14
76
PD4
17
DQ25
37
A15
57
DQ13
77
PD5
18
DQ26
38
A14
58
DQ12
78
PD6
19
DQ27
39
A13
59
DQ11
79
PD7
20
DQ28
40
A12
60
DQ10
80
VSS
SIMM Density
Pin
1Meg
2x1Meg
21
NC
NC
22
NC
NC
23
NC
E1#
24
E0#
E0#
*TBD
Presence Detect Pin Out
Pin
1Meg
2x1Meg
PD1
NC
VSS
PD2
VSS
VSS
PD3
NC
NC
PD4
VSS
VSS
A0-A19
Address Input
E0#, E1#
Chip Enable
W0#-W3#
Write Enable
G#
Output Enable
DQ0-DQ31
Data Input/Output
PD
Presence Detect
VCC
Power 5V±10%
VSS
Ground
NC
No Connect
VPP
Program Power 3.3V±10%


Similar Part No. - EDI7F2341MC120BNC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDI7F2341MC80BNC ETC1-EDI7F2341MC80BNC Datasheet
40Kb / 3P
   1Megx32 Flash Module
EDI7F2341MC90BNC ETC1-EDI7F2341MC90BNC Datasheet
40Kb / 3P
   1Megx32 Flash Module
More results

Similar Description - EDI7F2341MC120BNC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI7F331MC WEDC-EDI7F331MC Datasheet
263Kb / 3P
   1Mx32 FLASH MODULE
EDI7F331MV WEDC-EDI7F331MV Datasheet
254Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MV WEDC-EDI7F341MV Datasheet
268Kb / 3P
   1Mx32 FLASH MODULE
EDI7F2331MC WEDC-EDI7F2331MC Datasheet
345Kb / 3P
   1Mx32 FLASH MODULE
Rev. 3A
WF1M32B-XXX3 WEDC-WF1M32B-XXX3 Datasheet
481Kb / 13P
   1Mx32 3.3V Flash Module
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WS1M32V-XG3X WEDC-WS1M32V-XG3X Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
logo
List of Unclassifed Man...
WS1M32-XG3X ETC1-WS1M32-XG3X Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
logo
White Electronic Design...
W7G1M32SVX-BN WEDC-W7G1M32SVX-BN Datasheet
169Kb / 10P
   8MB/4MB (2x1Mx32 / 1Mx32) CMOS, Boot Sector Flash Memory Module
W7MG1M32SVX-BN WEDC-W7MG1M32SVX-BN Datasheet
169Kb / 10P
   8MB/4MB (2x1Mx32 / 1Mx32) MirrorBitTM 3.0V, Boot Sector Flash Memory Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com