Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMC6M40-10 Datasheet(PDF) 10 Page - Sensitron

Part # SMC6M40-10
Description  Brushless DC Motor Driver Module in a Power Flatpack 80-200V, 50 Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SMC6M40-10 Datasheet(HTML) 10 Page - Sensitron

Back Button SMC6M40-10 Datasheet HTML 6Page - Sensitron SMC6M40-10 Datasheet HTML 7Page - Sensitron SMC6M40-10 Datasheet HTML 8Page - Sensitron SMC6M40-10 Datasheet HTML 9Page - Sensitron SMC6M40-10 Datasheet HTML 10Page - Sensitron SMC6M40-10 Datasheet HTML 11Page - Sensitron SMC6M40-10 Datasheet HTML 12Page - Sensitron SMC6M40-10 Datasheet HTML 13Page - Sensitron SMC6M40-10 Datasheet HTML 14Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
• 221 West Industry Court
Deer Park, NY 11729
(631) 586 7600, FAX 631 242 9798
• World Wide Web - www.sensitron.com • E-mail Address - sales@sensitron.com • Page 10
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 1023, REV. D
Dir-in ( Pin 24 ), is the direction digital input. Logic “H’ correspond to forward rotation, and
logic “L” correspond to reversed rotation.
The direction input can be latched by Speed-in input. As long as Speed-in is less than
0.250V, the direction latch is transparent. When Speed-in is higher than 0.250V changing
direction of rotation will enable coast until the Speed-in drops below 0.250V. Direction latch is
recommended in two-quadrant operation mode to allow the motor to coast to a safe speed
before reversing.
CSH ( Pin 25 ),is the positive terminal of the current sense resistor.
CSL ( Pin 26 ),is the negative terminal of the current sense resistor.
The current sense terminals produce a differential voltage equal to the motor current times
the sense resistance (5 or 10 m
Ω typical). There is an internal 2nF filter capacitor across pins
25 and 26, There is also a 100
Ω resistor between each pin and each end of the current
sense resistor. Pins 25 and 26 shall be externally connected to pins 12 and 13 to activate
the cycle-by-cycle current limiting.
+VDC Rtn ( Pins 27 & 28 ), are the motor supply return. Pins 27 and 28 should not be
connected to the signal Gnd pin 19.
Source Terminals ( Pin 29, 30, 34, 35, 39, 40 ), are the source terminals of the three arms
of the three-phase bridge. These pins shall be shorted together externally using a low
impedance bus to minimize power loss.
Phase C Outputs ( Pin 31, 32 ), are phase C terminals. Both terminals shall be used.
Phase B Outputs ( Pin 36, 37 ), are phase B terminals. Both terminals shall be used.
Phase A Outputs ( Pin 41, 42 ), are phase A terminals. Both terminals shall be used.
+VDC ( Pins 33, 38, 43 ), are the motor input power supply positive terminal. These pins
shall be shorted together externally using a low impedance bus. +VDC bus should bypassed
to +VDC Rtn with adequately voltage-rated low ESR capacitor, whose value can is least 10-
15
µF per ampere of average motor current.
SMC6MXX-XX
SMC6MXX-XX-1


Similar Part No. - SMC6M40-10

ManufacturerPart #DatasheetDescription
logo
Sensitron
SMC6M40-10 SENSITRON-SMC6M40-10 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
SMC6M40-10-1 SENSITRON-SMC6M40-10-1 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
More results

Similar Description - SMC6M40-10

ManufacturerPart #DatasheetDescription
logo
Sensitron
SMC6M40-10 SENSITRON-SMC6M40-10 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
logo
International Rectifier
OM9371 IRF-OM9371 Datasheet
142Kb / 12P
   25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
logo
List of Unclassifed Man...
OM9375 ETC1-OM9375 Datasheet
141Kb / 12P
   25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
NXP Semiconductors
MC34929 NXP-MC34929 Datasheet
963Kb / 23P
   Brushless DC 1.0 AMP 28 VOLT Motor Driver IC
Rev. 7.0, 11/2006
logo
Freescale Semiconductor...
MC34929EP FREESCALE-MC34929EP Datasheet
833Kb / 23P
   Brushless DC 1.0 AMP 28 VOLT Motor Driver IC
logo
Cherry Semiconductor Co...
CS-5143 CHERRY-CS-5143 Datasheet
578Kb / 10P
   brushless DC Motor Driver/Controller
logo
List of Unclassifed Man...
PT-308 ETC-PT-308 Datasheet
97Kb / 1P
   DC Brushless Motor Driver IC
logo
Anaren Microwave
MSK4324 ANAREN-MSK4324 Datasheet
936Kb / 8P
   10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4324HU MSK-MSK4324HU Datasheet
373Kb / 7P
   10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com