Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM6151 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part No. EM6151
Description  Low Power Windowed Watchdog with Reset, Sleep Mode Functions
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMMICRO [EM Microelectronic - MARIN SA]
Homepage  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6151 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM6151 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6151 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6151 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6151 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6151 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6151 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6151 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6151 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6151 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
R
EM6151
Copyright © 2005, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
rev. B / 06.06
Voltage Monitoring
Fig. 5
Timer Reaction
Fig. 6
Combined Voltage and Timer Reaction
Fig. 7
12
3
- Watchdog timer reset
Conditions: V
IN > VREF after power-up sequence
T
CW + TOW
T
CW
T
OW
T
CW + TOW
T
CW + TOW
T
WDR
T
CW
T
TCL
T
CW
TCL
RES
EN
3 correct TCL services
EN goes active low
Timeout
T
TCL
TSEN
TSEN
TSEN
TSEN
VHY
VIN
VREF
TPOR
TPOR
RES
Conditions:
VDD > 3V
No timeout
12
3
T
CW
- Watchdog timer reset
3 correct TCL services
EN goes active low
T
OW
T
POR
V
IN
V
REF
TCL
RES
EN
T
CW+TOW
TCL
too early
Condition:
V
DD > 3V
T
TCL


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn