Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F647 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F647
Description  Octal transceiver/register, non-inverting open-collector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F647 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F647 Datasheet HTML 3Page - NXP Semiconductors 74F647 Datasheet HTML 4Page - NXP Semiconductors 74F647 Datasheet HTML 5Page - NXP Semiconductors 74F647 Datasheet HTML 6Page - NXP Semiconductors 74F647 Datasheet HTML 7Page - NXP Semiconductors 74F647 Datasheet HTML 8Page - NXP Semiconductors 74F647 Datasheet HTML 9Page - NXP Semiconductors 74F647 Datasheet HTML 10Page - NXP Semiconductors 74F647 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74F647/74F649
Octal transceivers/registers (open-collector)
1992 Feb 28
7
AC WAVEFORMS (Continued)
For all waveforms, VM = 1.5V
The shaded areas indicate when the input is permitted to change for predictable output performance.
VM
VM
VM
VM
tPHL
tPLH
An or Bn
Bn or An
SBA or SAB
An or Bn
SF00396
Waveform 3. Propagation Delay, An to Bn or Bn to An and
SBA to An or SAB to Bn
VM
VM
VM
VM
VM
VM
ts(H)
ts(L)
th(H)
th(H)
CPBA
or
CPAB
An or Bn
SF01165
Waveform 4. Data Setup and Hold Times
TYPICAL PROPAGATION DELAYS VERSUS LOAD FOR OPEN COLLECTOR OUTPUTS
0
100
200
300
400
500
600
18
16
14
12
10
8
6
4
2
0
LOAD RESISTOR (
W)
PROPAGATION
DELAY (ns)
tPLH
tPHL
SF01208
NOTE:
When using open-collector part, the value of the pull-up resistor greatly affects the value of the tPLH. For example, changing the pull-up resistor
value from 500
W to 100W will improve the tPLH up to 50% with only slight increase in the tPHL. However, if the pull-up resistor is changed, the
user must take certain that the total IOL current through the resistor and the total IIL’s of the receivers do not exceed the IOL maximum
specification.


Similar Part No. - 74F647

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F64 NSC-74F64 Datasheet
130Kb / 6P
   4-2-3-2-Input AND-OR-Invert Gate
logo
NXP Semiconductors
74F64 PHILIPS-74F64 Datasheet
72Kb / 8P
   4-2-3-2-input AND-OR-invert gate
1996 Mar 14
logo
Fairchild Semiconductor
74F64 FAIRCHILD-74F64 Datasheet
48Kb / 4P
   4-2-3-2-Input AND-OR-Invert Gate
logo
NXP Semiconductors
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
   Octal bus transceiver, inverting 3-State
1989 Nov 27
logo
Fairchild Semiconductor
74F640 FAIRCHILD-74F640 Datasheet
54Kb / 6P
   Octal Bus Transceiver with 3-STATE Outputs
More results

Similar Description - 74F647

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F621 PHILIPS-74F621 Datasheet
77Kb / 10P
   Octal bus transceiver, non-inverting open collector
1996 Jan 05
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74LVT652 PHILIPS-74LVT652 Datasheet
110Kb / 14P
   3.3V Octal transceiver/register, non-inverting 3-State
1998 Feb 19
logo
Renesas Technology Corp
HD74LS641-1 RENESAS-HD74LS641-1 Datasheet
177Kb / 6P
   Octal Bus Transceiver(non-inverted open-collector outputs)
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74F30244 PHILIPS-74F30244 Datasheet
81Kb / 10P
   Octal 30ohm line driver with enable, non-inverting open collector
1999 Jan 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com