Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XU1003 Datasheet(PDF) 2 Page - Mimix Broadband

Part No. XU1003
Description  19.0-26.0 GHz GaAs MMIC Transmitter
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIMIX [Mimix Broadband]
Homepage  http://www.mimixbroadband.com
Logo 

XU1003 Datasheet(HTML) 2 Page - Mimix Broadband

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Page 2 of 7
Transmitter Measurements
19.0-26.0 GHz GaAs MMIC
Transmitter
U1003
June 2005 - Rev 21-Jun-05
XU1003: Vd1 = 4 V, Vd2 = 4 V, Id1 = 230 mA, Id2 = 216 mA, USB
LO = + 2 dBm, IF = 2 GHz, IF = -15 dBm, ~125 devices
0
2
4
6
8
10
12
14
16
18
20
19
20
21
22
23
24
25
26
RF Frequency (GHz)
Max
Median
Mean
-3sigma
XU1003: Vd1 = 4 V, Vd2 = 4 V, Id1 = 230 mA, Id2 = 216 mA, USB
LO = +2 dBm, IF = 2 GHz, IF = -15 dBm, ~125 devices
-40
-35
-30
-25
-20
-15
-10
-5
0
19
20
21
22
23
24
25
26
RF Frequency (GHz)
Max
Median
Mean
-3sigma
XU1003: Vd1 = 4 V, Vd2 = 4 V, Id1 = 230 mA, Id2 = 216 mA, LSB
LO = +2 dBm, IF = 2 GHz, IF = -15 dBm, ~125 devices
0
2
4
6
8
10
12
14
16
18
20
19
20
21
22
23
24
25
26
RF Frequency (GHz)
Max
Median
Mean
-3sigma
XU1003: Vd1 = 4 V, Vd2 = 4 V, Id1 = 230 mA, Id2 = 216 mA, LSB
LO = +2 dBm, IF = 2 GHz, IF = -15 dBm, ~125 devices
-40
-35
-30
-25
-20
-15
-10
-5
0
19
20
21
22
23
24
25
26
RF Frequency (GHz)
Max
Median
Mean
-3sigma
XU1003: Vd1 = 4 V, Vd2 = 4 V, Id1 = 230 mA, Id2 = 216 mA,
LO = +2 dBm, IF = 2 GHz, IF = -15 dBm, ~125 devices
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
19
20
21
22
23
24
25
26
RF Frequency (GHz)
Max
Median
Mean
-3sigma
XU1003: Vd1 = 4 V, Vd2 = 4 V, Id1 = 230 mA, Id2 = 216 mA,
LO = +2 dBm, IF = 2 GHz, IF = -15 dBm, ~125 devices
-40
-35
-30
-25
-20
-15
-10
-5
0
17
18
19
20
21
22
23
24
25
26
27
28
2xLO Frequency (GHz)
Max
Median
Mean
-3sigma


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn