Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC179AD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC179AD
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC179AD Datasheet(HTML) 1 Page - Texas Instruments

  SN65LBC179AD Datasheet HTML 1Page - Texas Instruments SN65LBC179AD Datasheet HTML 2Page - Texas Instruments SN65LBC179AD Datasheet HTML 3Page - Texas Instruments SN65LBC179AD Datasheet HTML 4Page - Texas Instruments SN65LBC179AD Datasheet HTML 5Page - Texas Instruments SN65LBC179AD Datasheet HTML 6Page - Texas Instruments SN65LBC179AD Datasheet HTML 7Page - Texas Instruments SN65LBC179AD Datasheet HTML 8Page - Texas Instruments SN65LBC179AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN65LBC179A, SN75LBC179A
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SLLS377C – MAY 2000 – REVISED JUNE 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D High-Speed Low-Power LinBiCMOS
Circuitry Designed for Signaling Ratesof
up to 30 Mbps
D Bus-Pin ESD Protection Exceeds 12 kV
HBM
D Very Low Disabled Supply-Current
Requirements ...700
µA Max
D Common-Mode Voltage Range of –7 V
to 12 V
D Low Supply Current . . . 15 mA Max
D Compatible With ANSI Standard
TIA/EAI-485-A and ISO8482: 1987(E)
D Positive and Negative Output Current
Limiting
D Driver Thermal Shutdown Protection
description
The
SN65LBC179A
and
SN75LBC179A
differential driver and receiver pairs are monolithic
integrated circuits designed for bidirectional data
communication over long cables that take on the
characteristics of transmission lines. They are
balanced, or differential, voltage mode devices
that
are
compatible
with
ANSI
standard
TIA/EIA-485-A and ISO 8482:1987(E). The A
version offers improved switching performance
over
its
predecessors
without
sacrificing
significantly more power.
The SN65LBC179A and SN75LBC179A combine
a differential line driver and differential input line
receiver and operate from a single 5-V supply. The
driver differential outputs and the receiver
differential inputs are connected to separate
terminals for full-duplex operation and are
designed to present minimum loading to the bus
when powered off (VCC = 0). These parts feature a wide positive and negative common-mode voltage range
making them suitable for point-to-point or multipoint data bus applications. The devices also provide positive-
and negative-current limiting and thermal shutdown for protection from line fault conditions.
The SN65LBC179A is characterized over the industrial temperature range of – 40
°C to 85°C. The
SN75LBC179A is characterized for operation over the commercial temperature range of 0
°C to 70°C.
† Signaling rate by TIA/EIA-485-A definition restrict transition times to 30% of the bit length, and much higher signaling rates may be achieved
without this requirement as displayed in the TYPICAL CHARACTERISTICS of this device.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinBiCMOS is a trademark of Texas Instruments.
logic diagram (positive logic)
R
D
B
A
Z
Y
7
8
6
5
2
3
INPUT
D
OUTPUTS
Y
Z
DRIVER
DIFFERENTIAL INPUTS
A–B
VID ≥ 0.2 V
– 0.2 V < VID < 0.2 V
VID ≤ – 0.2 V
Open circuit
OUTPUT
R
H
?
L
H
RECEIVER
H = high level,
L = low level,
? = indeterminate
Function Tables
1
2
3
4
8
7
6
5
VCC
R
D
GND
A
B
Z
Y
SN65LBC179AD (Marked as BL179A)
SN65LBC179AP (Marked as 65LBC179A)
SN75LBC179AD (Marked as LB179A)
SN75LBC179AP (Marked as 75LBC179A)
(TOP VIEW)
H
L
Open
H
L
H
L
H
L


Similar Part No. - SN65LBC179AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179AD TI1-SN65LBC179AD Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179AD TI-SN65LBC179AD Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADR TI1-SN65LBC179ADR Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN65LBC179AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN75ALS180 TI-SN75ALS180_07 Datasheet
436Kb / 21P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com