Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2268-00 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC2268-00
Description  REMOTE CONTROL ENCODER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC2268-00 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC2268-00 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC2268-00 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC2268-00 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC2268-00 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC2268-00 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC2268-00 Datasheet HTML 6Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Silan
Semiconductors
SC2268
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
4
4. TRANSMISSION CODE WAVEFORM
The transmission waveforms of the Start Word and the different Data Words generated when a specific input
key (I1~I8) is pressed are illustrated below (see also Transmission Code Pattern Sectioon):
CLK
start
W1
W2
W3
W4
W5
W6
W7
W8
1
0X
X
3X
X=0.625ms
5. TRANSMISSION CODE PATTERN
The transmission code pattern of SC2268 is given in the table below.
LSB
MSB
Transmission
C0
C1
C2
C3
C4
C5
C6
C7
Receiver
Start word
0
011
001
1
B0
B1
B2
B3
B4
B5
B6
B7
Data Word
W1 (I1)
0
011
101
0
0/p1
(Key pressed)
W2 (I2)
0
1
0
1
1
0
0
0
0/p2
W3 (I3)
0
110
001
0
0/p3
W4 (I4)
1
001
110
0
0/p4
W5 (I5)
1
010
011
0
0/p5
W6 (I6)
1
011
000
1
0/p6
W7 (I7)
1
100
010
1
0/p7
W8 (I8)
1
101
001
0
0/p8


Similar Part No. - SC2268-00

ManufacturerPart #DatasheetDescription
logo
Silvan Chip Electronics...
SC2260 SILVAN-SC2260 Datasheet
109Kb / 2P
   remote control encoder paired
SC2260R4 SILVAN-SC2260R4 Datasheet
109Kb / 2P
   remote control encoder paired
SC2262 SILVAN-SC2262 Datasheet
228Kb / 3P
   remote control encoder paired
logo
List of Unclassifed Man...
SC2262 ETC-SC2262 Datasheet
1,022Kb / 7P
   Remote Control Encoder
SC2262-IR ETC-SC2262-IR Datasheet
1,022Kb / 7P
   Remote Control Encoder
More results

Similar Description - SC2268-00

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
   Remote Control Encoder
logo
Princeton Technology Co...
PT2262 PTC-PT2262_08 Datasheet
462Kb / 20P
   Remote Control Encoder
logo
Silan Microelectronics ...
SC5260-R2 SILAN-SC5260-R2 Datasheet
137Kb / 8P
   REMOTE CONTROL ENCODER
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026_09 Datasheet
112Kb / 12P
   Remote Control Encoder
logo
Princeton Technology Co...
PT2260 PTC-PT2260_06 Datasheet
302Kb / 16P
   Remote Control Encoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com