Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4022 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EM4022
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4022 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EM4022 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4022 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4022 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4022 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4022 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4022 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4022 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4022 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4022 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Copyright
 2002, EM Microelectronic-Marin SA
3
www.emmicroelectronic.com
EM4022
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Maximum AC peak current
induced on COIL1 and
COIL2
I COIL
± 30 mA
Maximum DC voltage
induced between M and VSS
VM
(note1)
5 V
Maximum DC current
supplied into M
IM
(note1)
60 mA
Power supply
VDD - VSS
-0.3 to VM
Max. voltage other pads
Vmax
VDD + 0.3 V
Min. voltage other pads
Vmax
VSS - 0.3 V
Storage temperature
TSTORE
-55 to +125
oC
Electrostatic discharge
maximum to MIL-STD-883C
method 3015
VESD
1000 V
note1) whatever is reached first
Stresses above these listed maximum ratings may cause
permanent damage to the device. Exposure beyond
specified operating conditions may affect device
reliability or cause malfunction.
Handling Procedures
This device has built-in protection against high static
voltages or electric fields; however, due to the unique
properties of this device, anti-static precautions should
be taken as for any other CMOS component. Unless
otherwise specified, proper operation can only occur
when all the terminal voltages are kept within the supply
voltage range.
Operating Conditions
Parameter
Symbol Min Typ Max Units
Operating temperature TA
-40
+85
oC
Maximum coil current
ICOIL
-10
10
mA
AC voltage on coil*
VCOIL
15
Vpp
DC voltage on M*
VM
3.5
V
* The AC voltage on the coil and the DC voltage at pad
M are limited by the on-chip shunt regulator loaded at
ICOIL in table 3
Electrical Characteristics
VSUPPLY between 2.0 V and 3.0 V, TA = 25
OC, unless otherwise specified.
Parameter
Symbol Test conditions
Min
Typ
Max Units
Supply voltage (VDD - VSS)VSUPPLY
VPONR +100mV
VM
V
Regulated voltage
VM
IM = 50 mA
3.3
4
4.7
V
Oscillator frequency
FOSC
VSUPPLY = 3 V
92
125
160
kHz
Power-on reset threshold
VPONR
VSUPPLY rising
0.9
1.4
1.8
V
Power-on reset threshold
VPONF
VSUPPLY falling
0.7
1.2
1.6
V
Power-on reset hysteresis
VPHYS
80
160
240
mV
GAP input time constant
TGAP
Extrapolated with an external
capacitor of 64nF
0.4
µs
Modulation transistor ON resistance
RON
VSUPPLY = 3 V
48
Resonance capacitor
CR
f = 100KHz, 100mVpp
106.7
110 113.3
pF
Supply capacitor
CSUP
f = 100KHz, 100mVpp
140
pF
Current consumption in modulation state IMOD
VSUPPLY = 2 V
69
13
µA
Shunt Regulator current consumption
ISHUNT
VSUPPLY = 2V
200
500
nA
Gap pull-up current consumption
IGAP
VGAP = 0V, VSUPPLY = 2V
1.8
5
7
µA
Dynamic current consumption
IDYN
fOSC = 128KHz, VSUPPLY = 2V
3.5
5
6.5
µA
Timing Characteristics
1) All timings are derived from the on-chip oscillator.
2) The minimum low frequency GAP width for a single chip is 1 bit at its own clock frequency. The reader must however
allow for the spread in clock frequencies possible in a group of tags. Therefore the minimum width of the GAP in MUTE
and WAKE-UP signals must be 1.5 bits. High frequency GAPs can be arbitrarily.
3) The maximum GAP width for a single chip is 6 bits at its own clock frequency. The reader must however allow for the
spread in clock frequencies possible in a group of tags. Therefore the maximum width of the GAP in MUTE and WAKE-UP
signals must be 5 bits.
Parameter
Symbol Test conditions
Min
Typ
Max Units
High frequency GAP width
THFGAP
50
ns
High frequency ACK GAP width
WHFACK
6bit
High frequency MUTE and WAKE-UP GAP width
WHFMUTE
5bit
Low frequency ACK GAP width
WLFGAP
1.0
2
6
bit
Low frequency MUTE and WAKE-UP GAP width
WLFACK
1.5
2
5
bit
GAP separation in WAKE-UP signal
WLFMUTE
1.5
2
5
bit


Similar Part No. - EM4022

ManufacturerPart #DatasheetDescription
logo
Leadshine Technology Co...
EM402 LEADSHINE-EM402 Datasheet
738Kb / 6P
   20-40V, 0.07-2A, Sensorless Stall Detection, Pre-Matching Motor
logo
Soberton Inc.
EM4020-BC SOBERTON-EM4020-BC Datasheet
389Kb / 1P
   Omnidirectional Back Electret Condenser Microphone
logo
EM Microelectronic - MA...
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
logo
List of Unclassifed Man...
EM402M1612VTA ETC2-EM402M1612VTA Datasheet
822Kb / 18P
   16Mb ( 2Banks ) Synchronous DRAM
More results

Similar Description - EM4022

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
P4022 EMMICRO-P4022 Datasheet
425Kb / 13P
   Multi Frequency Contactless Identification Device Anti-Collision compatible with BTGs Supertag Category Protocols
V4070 EMMICRO-V4070 Datasheet
170Kb / 9P
   Crypto Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com