Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1011 Datasheet(PDF) 5 Page - Mimix Broadband

Part # XP1011
Description  36.0-40.0 GHz GaAs MMIC Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1011 Datasheet(HTML) 5 Page - Mimix Broadband

  XP1011 Datasheet HTML 1Page - Mimix Broadband XP1011 Datasheet HTML 2Page - Mimix Broadband XP1011 Datasheet HTML 3Page - Mimix Broadband XP1011 Datasheet HTML 4Page - Mimix Broadband XP1011 Datasheet HTML 5Page - Mimix Broadband XP1011 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6
App Note [1] Biasing
- It is recommended to separately bias each stage at Vd(1,2,3)=5.0V, Id1=100mA, Id2=270mA, and Id3=270mA. It
is also recommended to use active biasing to keep the currents constant as the RF power and temperature vary; this gives the most
reproducible results. Depending on the supply voltage available and the power dissipation constraints, the bias circuit may be a
single transistor or a low power operational amplifier, with a low value resistor in series with the drain supply used to sense the
current. The gate of the pHEMT is controlled to maintain correct drain current and thus drain voltage. The typical gate voltage needed
to do this is -0.5V. Typically the gate is protected with Silicon diodes to limit the applied voltage. Also, make sure to sequence the
applied voltage to ensure negative gate bias is available before applying the positive drain supply.
App Note [2] Bias Arrangement -
For Parallel Stage Bias (Recommended for general applications) -- The same as Individual Stage Bias but all the drain or gate pad DC
bypass capacitors (~100-200 pF) can be combined. Additional DC bypass capacitance (~0.01 uF) is also recommended to all DC or
combination (if gate or drains are tied together) of DC bias pads.
For Individual Stage Bias (Recommended for Saturated Applications) -- Each DC pad (Vd1,2,3 and Vg1,2,3) needs to have DC bypass
capacitance (~100-200 pF) as close to the device as possible. Additional DC bypass capacitance (~0.01 uF) is also recommended.
MTTFTable (TBD)
Backplate
Temperature
55 deg Celsius
75 deg Celsius
95 deg Celsius
Channel
Temperature
deg Celsius
deg Celsius
deg Celsius
FITs
E+
E+
E+
MTTF Hours
E+
E+
E+
Rth
C/W
C/W
C/W
Bias Conditions: Vd1=Vd2=Vd3=5.0V, Id1=100 mA, Id2=270 mA, Id3=270 mA
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating foundry.
36.0-40.0 GHz GaAs MMIC
Power Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
May 2006 - Rev 10-May-06
P1011


Similar Part No. - XP1011

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1011-BD MIMIX-XP1011-BD Datasheet
156Kb / 6P
   36.0-40.0 GHz GaAs MMIC Power Amplifier
XP1011-BD-000V MIMIX-XP1011-BD-000V Datasheet
156Kb / 6P
   36.0-40.0 GHz GaAs MMIC Power Amplifier
XP1011-BD-000W MIMIX-XP1011-BD-000W Datasheet
156Kb / 6P
   36.0-40.0 GHz GaAs MMIC Power Amplifier
XP1011-BD-EV1 MIMIX-XP1011-BD-EV1 Datasheet
156Kb / 6P
   36.0-40.0 GHz GaAs MMIC Power Amplifier
More results

Similar Description - XP1011

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1011-BD MIMIX-XP1011-BD Datasheet
156Kb / 6P
   36.0-40.0 GHz GaAs MMIC Power Amplifier
XP1017 MIMIX-XP1017 Datasheet
251Kb / 6P
   30.0-36.0 GHz GaAs MMIC Power Amplifier
XP1017-BD MIMIX-XP1017-BD Datasheet
595Kb / 6P
   30.0-36.0 GHz GaAs MMIC Power Amplifier
XP1001 MIMIX-XP1001 Datasheet
248Kb / 6P
   26.0-40.0 GHz GaAs MMIC Power Amplifier
XP1012 MIMIX-XP1012 Datasheet
158Kb / 6P
   37.0-40.0 GHz GaAs MMIC Power Amplifier
XB1002 MIMIX-XB1002 Datasheet
412Kb / 6P
   36.0-43.0 GHz GaAs MMIC Buffer Amplifier
22DSBA0423 MIMIX-22DSBA0423 Datasheet
449Kb / 5P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1005-BD MIMIX-XD1005-BD Datasheet
314Kb / 6P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1004-BD MIMIX-XD1004-BD Datasheet
529Kb / 6P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
logo
M/A-COM Technology Solu...
XU1009-BD MA-COM-XU1009-BD Datasheet
277Kb / 9P
   18.0-36.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com